Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL070IP Datasheet(PDF) 11 Page - Texas Instruments

Part # TL070IP
Description  JFET-INPUT OPERATIONAL AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TL070IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL070IP Datasheet HTML 7Page - Texas Instruments TL070IP Datasheet HTML 8Page - Texas Instruments TL070IP Datasheet HTML 9Page - Texas Instruments TL070IP Datasheet HTML 10Page - Texas Instruments TL070IP Datasheet HTML 11Page - Texas Instruments TL070IP Datasheet HTML 12Page - Texas Instruments TL070IP Datasheet HTML 13Page - Texas Instruments TL070IP Datasheet HTML 14Page - Texas Instruments TL070IP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
TL070
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS121B – NOVEMBER 1993 – REVISED MARCH 2001
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
0
f – Frequency – Hz
50
10
20
30
40
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
100
1 k
10 k
100 k
10
40
4 k
400
40 k
VCC
± = ±15 V
AVD = 10
RS = 20 Ω
TA = 25°C
Figure 22
0.001
1
f – Frequency – Hz
0.004
0.01
0.04
0.1
0.4
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
VCC
± = ±15 V
AVD = 1
VI(RMS) = 6 V
TA = 25°C
100
1 k
10 k
100 k
4 k
400
40 k
Figure 23
–6
t – Time –
µs
6
–4
–2
0
2
4
Output
Input
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
0
0.5
1
1.5
2
2.5
3
3.5
VCC
± = ±15 V
RL = 2 kΩ
CL = 100 pF
TA = 25°C
Figure 24
10%
–4
t – Elapsed Time –
µs
0.7
28
0
0.1
0.2
0.3
0.4
0.5
0.6
0
4
8
12
16
20
24
tr
Overshoot
90%
OUTPUT VOLTAGE
vs
ELAPSED TIME
VCC
± = ±15 V
RL = 2 kΩ
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com