Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027CP Datasheet(PDF) 18 Page - Texas Instruments

Part # TLE2027CP
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027CP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLE2027CP Datasheet HTML 14Page - Texas Instruments TLE2027CP Datasheet HTML 15Page - Texas Instruments TLE2027CP Datasheet HTML 16Page - Texas Instruments TLE2027CP Datasheet HTML 17Page - Texas Instruments TLE2027CP Datasheet HTML 18Page - Texas Instruments TLE2027CP Datasheet HTML 19Page - Texas Instruments TLE2027CP Datasheet HTML 20Page - Texas Instruments TLE2027CP Datasheet HTML 21Page - Texas Instruments TLE2027CP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
18
www.ti.com
TYPICAL CHARACTERISTICS
Figure 10
INPUT BIAS CURRENT †
vs
FREE-AIR TEMPERATURE
−20
−75
TA − Free-Air Temperature − °C
−10
0
10
20
30
40
50
60
−50 −25
0
25
50
75 100 125 150
VCC ± = ± 15 V
VIC = 0
Sample Size = 836 Units
From 2 Wafer Lots
Figure 11
INPUT BIAS CURRENT
vs
COMMON-MODE INPUT VOLTAGE
0
−12
VIC − Common-Mode Input Voltage − V
− 8
− 40
4
8
12
5
10
15
20
25
30
35
40
TA = 25°C
VCC± = ± 15 V
Figure 12
− 1
− 1.8
VID − Differential Input Voltage − V
− 0.8
− 0.6
− 0.4
− 0.2
0
0.2
0.4
0.6
0.8
1
− 1.2
− 0.6
0
0.6
1.2
1.8
INPUT CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
VCC ± = ± 15 V
VIC = 0
TA = 25°C
Figure 13
TA = − 55
°C
TA = 125
°C
10 M
1 M
100 k
30
25
20
15
10
5
f − Frequency − Hz
10 k
0
VCC± = ±15 V
RL = 2 kΩ
TLE2027
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE†
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com