Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB41AB1PAP Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB1PAP
Description  IEEE 1394a-200 ONE-PORT CCABLE TRANNS CEIVER ARBITER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB1PAP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TSB41AB1PAP Datasheet HTML 55Page - Texas Instruments TSB41AB1PAP Datasheet HTML 56Page - Texas Instruments TSB41AB1PAP Datasheet HTML 57Page - Texas Instruments TSB41AB1PAP Datasheet HTML 58Page - Texas Instruments TSB41AB1PAP Datasheet HTML 59Page - Texas Instruments TSB41AB1PAP Datasheet HTML 60Page - Texas Instruments TSB41AB1PAP Datasheet HTML 61Page - Texas Instruments TSB41AB1PAP Datasheet HTML 62Page - Texas Instruments TSB41AB1PAP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
TSB41AB1
IEEE 1394a2000 ONEPORT CABLE
TRANSCEIVER/ARBITER
SLLS423I − JUNE 2000 − REVISED MARCH 2005
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PRINCIPLES OF OPERATION
interface reset and disable (continued)
The sequence of events for initialization of the PHY-LLC interface when the interface is in the nondifferentiated
mode of operation (ISO terminal is high) is as follows:
1.
LPS reasserted. After the interface has been in the reset or disabled state for at least the minimum
TRESTORE time, the LLC causes the interface to be initialized and restored to normal operation by
reasserting the LPS signal. (In Figure 32, the interface is shown in the disabled state with SYSCLK low
inactive. However, the interface initialization sequence described here is also executed if the interface is
merely reset but not yet disabled.)
2.
SYSCLK activated. If the interface is disabled, the PHY reactivates its SYSCLK output when it detects that
LPS has been reasserted. If the PHY has entered a low-power state, it takes between 5.3 ms to 7.3 ms for
SYSCLK to be restored; if the PHY is not in a low-power state, SYSCLK is restored within 60 ns. The
SYSCLK output is a 50% duty cycle square wave with a frequency of 49.152 MHz
±100 ppm (period of
20.345 ns). During the first seven cycles of SYSCLK, the PHY continues to drive the CTL and D terminals
low. The LLC is also required to drive its CTL and D outputs low for one of the first six cycles of SYSCLK
but otherwise to place its CTL and D outputs in a high-impedance state. The LLC continues to drive its LREQ
output low during this time.
3.
Receive indicated. Upon the eighth SYSCLK cycle following reassertion of LPS, the PHY asserts the
receive state on the CTL lines and the data-on indication (all ones) on the D lines for one or more cycles.
4.
Initialization complete. The PHY asserts the idle state on the CTL lines and logic 0 on the D lines. This
indicates that the PHY-LLC interface initialization is complete and normal operation may commence. The
PHY now accepts requests from the LLC via the LREQ line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com