| Electronic Components Datasheet Search |
|
TLE2082IP Datasheet(PDF) 36 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082IP Datasheet(HTML) 36 Page - Texas Instruments |
|
36 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 36 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2084C electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS T † TLE2084C TLE2084AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT I Short-circuit output V0 VID = 1 V 25 °C – 35 – 35 mA IOS current VO = 0 VID = – 1 V 25 °C 45 45 mA † Full range is 0 °C to 70°C. TLE2084C operating characteristics at specified free-air temperature, VCC± = ±5 V PARAMETER TEST CONDITIONS T † TLE2084C TLE2084AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 35 35 SR + Positive slew rate VO(PP) = ± 2.3 V, AVD = 1RL =2kΩ Full range 22 22 V/ µs AVD = – 1, RL = 2 kΩ, CL = 100 pF, See Figure 1 25 °C 38 38 SR – Negative slew rate CL = 100 F, See Figure 1 Full range 22 22 V/ µs t Settling time AVD = – 1, 2-V step, To 10 mV 25 °C 0.25 0.25 µs ts Settling time RL = 1 kΩ, CL = 100 pF To 1 mV 25 °C 0.4 0.4 µs V Equivalent input noise f = 10 Hz 25 °C 28 28 nV/ √Hz Vn q voltage f = 10 kHz 25 °C 11.6 11.6 nV/ √Hz RS = 20 Ω, f = 10 Hz to 6 6 VN(PP) Peak-to-peak equivalent See Figure 3 10 kHz 25 °C 6 6 µV VN(PP) input noise voltage f = 0.1Hz to 10 Hz 25 °C 0.6 0.6 µV In Equivalent input noise current VIC = 0, f = 10 kHz 25 °C 2.8 2.8 fA / √Hz THD+N Total harmonic distortion VO(PP) = 5 V, AVD = 10, f = 1 kHz RL =2kΩ 25 °C 0 013% 0 013% THD + N plus noise f = 1 kHz, RL = 2 kΩ, RS = 25 Ω 25 °C 0.013% 0.013% B1 Unity gain bandwidth VI = 10 mV, RL = 2 kΩ, 25 °C 94 94 MHz B1 Unity-gain bandwidth IL CL = 25 pF, See Figure 2 25 °C 9.4 9.4 MHz BOM Maximum output-swing VO(PP) = 4 V, AVD = – 1, 25 °C 28 28 MHz BOM g bandwidth O(PP) VD RL = 2 kΩ ,CL = 25 pF 25 °C 2.8 2.8 MHz φm Phase margin at unity VI = 10 mV, RL = 2 kΩ, 25 °C 56 ° 56 ° φm gy gain IL CL = 25 pF, See Figure 2 25 °C 56 ° 56 ° † Full range is 0 °C to 70°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |