Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA741MFKB Datasheet(PDF) 2 Page - Texas Instruments

Part # UA741MFKB
Description  GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UA741MFKB Datasheet(HTML) 2 Page - Texas Instruments

  UA741MFKB Datasheet HTML 1Page - Texas Instruments UA741MFKB Datasheet HTML 2Page - Texas Instruments UA741MFKB Datasheet HTML 3Page - Texas Instruments UA741MFKB Datasheet HTML 4Page - Texas Instruments UA741MFKB Datasheet HTML 5Page - Texas Instruments UA741MFKB Datasheet HTML 6Page - Texas Instruments UA741MFKB Datasheet HTML 7Page - Texas Instruments UA741MFKB Datasheet HTML 8Page - Texas Instruments UA741MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
µA741, µA741Y
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS094B – NOVEMBER 1970 – REVISED SEPTEMBER 2000
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP
(PW)
FLAT
PACK
(U)
CHIP
FORM
(Y)
0
°C to 70°C
µA741CD
µA741CP
µA741CPW
µA741Y
–40
°C to 85°C
µA741ID
µA741IP
–55
°C to 125°C
µA741MFK
µA741MJ
µA741MJG
µA741MU
The D package is available taped and reeled. Add the suffix R (e.g.,
µA741CDR).
schematic
IN –
IN+
VCC+
VCC –
OUT
OFFSET N1
OFFSET N2
Transistors
22
Resistors
11
Diode
1
Capacitor
1
Component Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com