Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725 Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725 Datasheet(HTML) 91 Page - Texas Instruments

Back Button DM3725 Datasheet HTML 87Page - Texas Instruments DM3725 Datasheet HTML 88Page - Texas Instruments DM3725 Datasheet HTML 89Page - Texas Instruments DM3725 Datasheet HTML 90Page - Texas Instruments DM3725 Datasheet HTML 91Page - Texas Instruments DM3725 Datasheet HTML 92Page - Texas Instruments DM3725 Datasheet HTML 93Page - Texas Instruments DM3725 Datasheet HTML 94Page - Texas Instruments DM3725 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 280 page
background image
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
Table 2-4. Multiplexing Characteristics (continued)
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
AG2, U2, B2, B4, B7, B10,
A6, A8, A13,
A7, A13, B14, H11, H14,
vss
AG3, W3, P3, B15, B18,
AB5, AB22,
C1, F1, F20,
H16, J11,
J3, E3, A3, C22, E2, F22, AC10, AD14,
H2, H20, L21, J12, J13, J14,
P4, E4, AG6, H2, P2, AB5,
AD25, AE7,
M2, P20, R2, J15, J16,
D7, C7, V9, AB14, AB20
B2, B25, C12, W20 Y6, Y11, K10, K11,
U9, P9, N9,
D7, D10, D12, AA7, AA16
K14, K15, L8,
K9, W10,
D14, D18,
L10, L13,
V10, P10,
D20, E22, G1,
L17, M9,
K10, D10,
G8, G10,
M10, M11,
C10, AF12,
G20, G23,
M13, M16,
AE12, Y12,
H4, K1, K15,
N9, N10, N11,
K12, J12,
K25, L10,
N12, N13,
Y13, W13,
L17, L23, N4,
N14, N15,
J13, D13,
N10, N17, R1,
N16, P8, P10,
C13, W14,
R4, R17, T23,
P11, P12,
K16, J16,
U25, W1, W4,
P13, P14,
W17, K17,
W23, Y7,
P15, P17,
J17, W19,
Y10, Y16,
R10, R11,
V19, R19,
Y26
R14, R15, T9,
P19, L19,
T10, T11,
K19, D19,
T12, T13,
C19, AF20,
T14, T15,
AE20, T20,
T16, U9, U11,
AG15, AF2,
U14, U15,
AF27, B15,
U16, V15,
J27, M2, M26,
V16
N2, AA2,
AG10, AC25,
AC26, Y25,
W25, M20,
L20, L26,
G27, D21,
C22, B27,
A26, R20,
R26
V25
NA
V25
NA
AB13
vdda_dac
Y26
NA
V24
NA
AB15
vssa_dac
K25
NA
N23
NA
N24
vdds_mmc1
P25
NA
P23
NA
H8
vdds_x
AG21
NA
AD19
NA
NA
vdds
AH20
NA
AE19
NA
N20
cap_vddu_arr
ay
AH21
NA
AC19
NA
NA
vss
AG16
NA
AC16
NA
NA
vss
AG20
NA
AD18
NA
NA
vdds
M28
NA
L19
NA
NA
vss
H28
NA
L20
NA
NA
vdds
V4
NA
N9
NA
U8
cap_vdd_sra
m_mpu_iva
L21
NA
K20
NA
H17
cap_vdd_sra
m_core
Y17
NA
AF23
NA
W15
sys_xtalgnd
(1) This GPIO is only an input (and not an output).
(2) The usage of this GPIO is strongly restricted. For more information, see the General-Purpose Interface chapter of the AM/DM37x
Multimedia Device Technical Reference Manual (literature number SPRUGN4).
(3) UART4 is only available on CBP and CBC packages.
Copyright
© 2010–2011, Texas Instruments Incorporated
TERMINAL DESCRIPTION
91
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com