Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725CBC Datasheet(PDF) 158 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBC
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC Datasheet(HTML) 158 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 154Page - Texas Instruments DM3725CBC Datasheet HTML 155Page - Texas Instruments DM3725CBC Datasheet HTML 156Page - Texas Instruments DM3725CBC Datasheet HTML 157Page - Texas Instruments DM3725CBC Datasheet HTML 158Page - Texas Instruments DM3725CBC Datasheet HTML 159Page - Texas Instruments DM3725CBC Datasheet HTML 160Page - Texas Instruments DM3725CBC Datasheet HTML 161Page - Texas Instruments DM3725CBC Datasheet HTML 162Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 280 page
background image
SWPS038-013
Tn–1
Tn
Tn+1
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
6
Timing Requirements and Switching Characteristics
6.1
Timing Test Conditions
All timing requirements and switching characteristics are valid over the recommended operating conditions
unless otherwise specified.
6.2
Interface Clock Specifications
6.2.1
Interface Clock Terminology
The interface clock is used at the system level to sequence the data and/or to control transfers accordingly
with the interface protocol.
6.2.2
Interface Clock Frequency
The two interface clock characteristics are:
•
The maximum clock frequency
•
The maximum operating frequency
The interface clock frequency documented in this document is the maximum clock frequency, which
corresponds to the maximum frequency programmable on this output clock. This frequency defines the
maximum limit supported by the device IC and doesn
’t take into account any system consideration (PCB,
Peripherals).
The system designer will have to consider these system considerations and the device IC timing
characteristics as well, to define properly the maximum operating frequency, which corresponds to the
maximum frequency supported to transfer the data on this interface.
6.2.3
Clock Jitter Specifications
Jitter is a phase noise, which may alter different characteristics of a clock signal. The jitter specified in this
document is the time difference between the typical cycle period and the actual cycle period affected by
noise sources on the clock. The cycle (or period) jitter terminology will be used to identify this type of jitter.
Figure 6-1. Cycle (or Period) Jitter
NOTE
Max. Cycle Jitter = Max (Ti)
Min. Cycle Jitter = Min (Ti)
Jitter Standard Deviation (or RMS Jitter) = Standard Deviation (Ti)
6.2.4
Clock Duty Cycle Error
The maximum duty cycle error is the difference between the absolute value of the maximum high-level
pulse duration or the maximum low-level pulse duration and the typical pulse duration value.
•
Maximum pulse duration = Typical pulse duration + maximum duty cycle error
•
Minimum pulse duration = Typical pulse duration - maximum duty cycle error
158
Timing Requirements and Switching Characteristics
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com