Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM3725CBCA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DM3725CBCA
Description  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBCA Datasheet(HTML) 5 Page - Texas Instruments

  DM3725CBCA Datasheet HTML 1Page - Texas Instruments DM3725CBCA Datasheet HTML 2Page - Texas Instruments DM3725CBCA Datasheet HTML 3Page - Texas Instruments DM3725CBCA Datasheet HTML 4Page - Texas Instruments DM3725CBCA Datasheet HTML 5Page - Texas Instruments DM3725CBCA Datasheet HTML 6Page - Texas Instruments DM3725CBCA Datasheet HTML 7Page - Texas Instruments DM3725CBCA Datasheet HTML 8Page - Texas Instruments DM3725CBCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 280 page
background image
64
64
Async
64
64
L2$
256K
MPU
Subsystem
POWERVR
SGX
Graphics
Accelerator
TM
32
32
32
Channel
System
DMA
32
32
Parallel
TV
Amp
LCD Panel
CVBS
or
S-Video
Dual Output 3-Layer
Display Processor
(1xGraphics, 2xVideo)
Temporal Dithering
SDTV QCIF Support
®
32
Camera
ISP
Image
Capture
Hardware
Image
Pipeline
Camera
(Parallel)
64
HS USB
Host
HS
USB
OTG
32
L3 Interconnect Network-Hierarchial, Performance, and Power Driven
64KB
On-Chip
RAM
32
32KB
On-Chip
ROM
32
SMS:
SDRAM
Memory
Scheduler/
Rotation
64
SDRC:
SDRAM
Memory
Controller
L4 Interconnect
32
System
Controls
PRCM
2xSmartReflex
TM
Control
Module
External
Peripherals
Interfaces
Peripherals: 4xUART,
3xHigh-Speed I2C, 5xMcBSP
(2x with Sidetone/Audio Buffer)
4xMcSPI, 6xGPIO
3xHigh-Speed MMC/SDIO
HDQ/1 Wire, 6xMailboxes
12xGPTimers, 2xWDT,
32K Sync Timer
GPMC:
General
Purpose
Memory
Controller
NAND/
NOR
Flash,
SRAM
32
Emulation
Debug: SDTI, ETM, JTAG
External and
Stacked Memories
32
IVA 2.2 Subsystem
TMS320DM64x+ DSP
Imaging Video and
Audio Processor
32K/32K L1$
48K L1D RAM
64K L2$
32K L2 RAM
16K L2 ROM
Video Hardware
64
32
Async
64
32
ARM
Cortex™- A8
®
Core
TrustZone
32K/32K L1$
DM3730, DM3725
www.ti.com
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
1.3
Functional Block Diagram
The functional block diagram of the DM3730/25 Digital Media Processor is shown below.
Figure 1-1. DM3730/25 Functional Block Diagram
Copyright
© 2010–2011, Texas Instruments Incorporated
DM3730, DM3725 Digital Media Processors
5
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com