Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4610S Datasheet(PDF) 2 Page - Analog Devices

Part # ADA4610S
Description  Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4610S Datasheet(HTML) 2 Page - Analog Devices

  ADA4610S Datasheet HTML 1Page - Analog Devices ADA4610S Datasheet HTML 2Page - Analog Devices ADA4610S Datasheet HTML 3Page - Analog Devices ADA4610S Datasheet HTML 4Page - Analog Devices ADA4610S Datasheet HTML 5Page - Analog Devices ADA4610S Datasheet HTML 6Page - Analog Devices ADA4610S Datasheet HTML 7Page - Analog Devices ADA4610S Datasheet HTML 8Page - Analog Devices ADA4610S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ADA4610S
ASD0016547 Rev. A | Page 2 of 18
4.0 Specifications
4.1. Absolute Maximum Ratings 1/
Supply voltage (+VSY to -VSY) ........................................................ 36 V
Input voltage (VIN)........................................................................... -VSY to +VSY 7/
Differential Input Voltage............................................................... ±VSY 7/
Storage temperature range ........................................................... -65
°C to +150°C
Junction temperature maximum (TJ) ............................................. +150°C 2/
Lead temperature (soldering, 60 seconds) ................................... +300
°C
Thermal resistance, junction-to-case (
θ
JC) .................................... 22 °C/W 3/
Thermal resistance, junction-to-ambient (
θ
JA) ............................... 132 °C/W 3/
4.2. Recommended Operating Conditions
Supply voltage (± VSY) ................................................................... ±5.0 V to ±15.0 V
Ambient operating temperature range (TA)…………………………. -55°C to +125°C
4.3. Nominal Operating Performance Characteristics 4/
Input Capacitance
Differential (CDM) ......................................................................... 3.1 pF
Common Mode (CCM) ................................................................. 4.8 pF
Input Resistance ............................................................................ >1 x 10
13
Unity-Gain Crossover (VIN = 5 mVp-p, RL = 2 kΩ, AV = -10)
±VSY = ±5 V ................................................................................ 9.3 kHz
±VSY = ±15 V .............................................................................. 9.3 kHz
Phase Margin 5/
±VSY = ±5 V ................................................................................ 61 Degrees
±VSY = ±15 V .............................................................................. 66 Degrees
-3 dB Closed-Loop Bandwidth (VIN = 5 mVp-p, AV = 1) 6/
±VSY = ±5 V ................................................................................ 10.6 MHz
±VSY = ±15 V .............................................................................. 9.4 MHz
Total Harmonic Distortion (THD)+Noise
1 kHz, G = +1, RL = 2 kΩ, VIN = 6 V rms .................................. 0000.6%
4.4. Radiation Features
Maximum total dose available (dose rate = 50 – 300 rads(Si)/s)….100 k rads(Si)
1/ Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these
or any other conditions outside of those indicated in the operation sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect
device reliability.
2/ While the ADA4610 is internally short circuit protected, this may not be sufficient to guarantee that the maximum junction temperature is not exceeded under all conditions. Do not
exceed maximum Tj in application with output current load.
3/ Measurement taken under absolute worst case condition and represents data taken with thermal camera for highest power density location. See MIL-STD-1835 for average
Θ
JC
number.
4/ TA = 25ºC, +/-VSY=+/-5, +/-VSY = +/- 15V and VCM = 0V unless otherwise noted
5/ See Figures 14 and 17 in Section 7.0 Application Notes for Open-Loop, Gain and Phase vs. Frequency performance.
6/ See Figures 15 and 18 in Section 7.0 Application Notes for Closed-Loop Gain vs. Frequency performance.
7/ See Section 7.3 for information on how to limit input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com