Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8101 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC8101
Description  High Side Load Switch with Low Supply Current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8101 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC8101_12 Datasheet HTML 17Page - Torex Semiconductor XC8101_12 Datasheet HTML 18Page - Torex Semiconductor XC8101_12 Datasheet HTML 19Page - Torex Semiconductor XC8101_12 Datasheet HTML 20Page - Torex Semiconductor XC8101_12 Datasheet HTML 21Page - Torex Semiconductor XC8101_12 Datasheet HTML 22Page - Torex Semiconductor XC8101_12 Datasheet HTML 23Page - Torex Semiconductor XC8101_12 Datasheet HTML 24Page - Torex Semiconductor XC8101_12 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/37
XC8101
Series
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 20μs/div
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VIN=4.0V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=1μF , CL=1μF
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 20μs/div
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VIN=6.0V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=1μF , CL=1μF
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-1
0
1
2
3
4
5
6
VIN=1.8V
CE=0.3V→1.2V
tr=tf =5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-1
0
1
2
3
4
5
6
VIN=2.9V
CE=0.3V→1.2V
tr=tf =5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-2
0
2
4
6
8
10
12
VIN=4.0V
CE=0.3V→1.2V
tr=tf =5μs , IOUT=50mA
CIN=None , CL=None
CE Input Voltage
Output Voltage
XC8101AA01
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
Time: 4μs/div
-2
0
2
4
6
8
10
12
V IN=6.0V
CE=0.3V→1.2V
tr=tf=5μs , IOUT=50mA
CIN=None, CL=None
CE Input Voltage
Output Voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Output Turn-on Time with CE (Continued)
(9) Output Turn-off Time with CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com