Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8108 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC8108
Description  85m廓 High Function Power Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8108 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC8108_13 Datasheet HTML 17Page - Torex Semiconductor XC8108_13 Datasheet HTML 18Page - Torex Semiconductor XC8108_13 Datasheet HTML 19Page - Torex Semiconductor XC8108_13 Datasheet HTML 20Page - Torex Semiconductor XC8108_13 Datasheet HTML 21Page - Torex Semiconductor XC8108_13 Datasheet HTML 22Page - Torex Semiconductor XC8108_13 Datasheet HTML 23Page - Torex Semiconductor XC8108_13 Datasheet HTML 24Page - Torex Semiconductor XC8108_13 Datasheet HTML 25Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
XC8108
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(37) Reverse Voltage Detected Voltage (CL=120μF)
(38) Reverse Voltage Released Voltage (CL=120μF)
(39) CE Transient Response
(40) Short Applied
(41) Current Limit adapted time
XC8108xC20ER
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [500μs/div]
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage
V
IN=5.0V, Ta=25℃
C
IN=1.0μF, CL=120μF(ceramic), RILIM=18.4kΩ
Output Voltage
Supply Current
FLG Voltage
V
OUT=5.5V forced
XC8108xC20ER
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [500μs/div]
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage
V
IN=5.0V, Ta=25℃
C
IN=1.0μF, CL=120μF(ceramic), RILIM=18.4kΩ
Output Voltage
Supply Current
FLG Voltage
V
OUT = 5.5V Removed
XC8108xx20ER
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [2μs/div]
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
In Rush Current
V
IN=5.0V, Ta=25℃
C
L=open, RILIM=18.4kΩ
Output Voltage
V
OUT = Short circuit to Vss
XC8108xx20ER
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [500μs/div]
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
RILIM=39.2kΩ
RILIM=18.4kΩ
RILIM=5.76kΩ
RILIM=0kΩ
CE Voltage
V
CE=0→5.0V, tr=5μs, Ta=25℃
V
IN=5.0V, CIN=CL=1.0μF(ceramic)
In Rush Current
XC8108xx20ER
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [500μs/div]
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
RILIM=39.2kΩ
RILIM=18.4kΩ
RILIM=5.76kΩ
RILIM=0kΩ
V
CE=0→5.0V, tr=5μs, Ta=25℃
V
IN=5.0V, CIN=1.0μF, CL=120μF(ceramic)
CE Voltage
In Rush Current
XC8108xx20ER
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.01.0
2.03.0
4.05.0
6.0
Peak Limit Current [A]
V
IN=5.0V, Ta=25℃
C
L=open, RILIM=18.4kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com