Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9142BCPZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9142BCPZ
Description  Dual, 16-Bit, 1600 MSPS, TxDAC Digital-to-Analog Converter
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9142BCPZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9142BCPZ Datasheet HTML 31Page - Analog Devices AD9142BCPZ Datasheet HTML 32Page - Analog Devices AD9142BCPZ Datasheet HTML 33Page - Analog Devices AD9142BCPZ Datasheet HTML 34Page - Analog Devices AD9142BCPZ Datasheet HTML 35Page - Analog Devices AD9142BCPZ Datasheet HTML 36Page - Analog Devices AD9142BCPZ Datasheet HTML 37Page - Analog Devices AD9142BCPZ Datasheet HTML 38Page - Analog Devices AD9142BCPZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 65 page
background image
Data Sheet
AD9142
Rev. 0 | Page 35 of 64
TEMPERATURE SENSOR
The AD9142 has a diode-based temperature sensor for measuring
the temperature of the die. The temperature reading is accessed
using Register 0x1D and Register 0x1E. The temperature of the
die can be calculated as
106
)
237
,
41
]
0
:
15
[
(
−
=
DieTemp
T
DIE
where TDIE is the die temperature in degrees Celsius. The
temperature accuracy is ±7°C typical over the +85°C to −40°C
range with one point temperature calibration against a known
temperature. A typical plot of the die temperature vs. die
temperature code readback is shown in Figure 50.
Figure 50. Die Temperature vs. Die Temperature Code Readback
Estimates of the ambient temperature can be made if the power
dissipation of the device is known. For example, if the device
power dissipation is 800 mW and the measured die temperature
is 50°C, then the ambient temperature can be calculated as
TA = TDIE – PD × θJA = 50 – 0.8 × 20.7 = 33.4°C
where:
TA is the ambient temperature in degrees Celsius.
θJA is the thermal resistance from junction to ambient of the
AD9142 as shown in Table 8.
To use the temperature sensor, it must be enabled by setting Bit 0,
Register 0x1C to 1. In addition, to get accurate readings, the die
temperature control register (Register 0x1C) should be set to 0x03.
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
35000
37000
39000
41000
43000
45000
47000
49000
51000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com