Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9963-EBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9963-EBZ
Description  10-/12-Bit, Low Power, Broadband MxFE
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9963-EBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9963-EBZ Datasheet HTML 22Page - Analog Devices AD9963-EBZ Datasheet HTML 23Page - Analog Devices AD9963-EBZ Datasheet HTML 24Page - Analog Devices AD9963-EBZ Datasheet HTML 25Page - Analog Devices AD9963-EBZ Datasheet HTML 26Page - Analog Devices AD9963-EBZ Datasheet HTML 27Page - Analog Devices AD9963-EBZ Datasheet HTML 28Page - Analog Devices AD9963-EBZ Datasheet HTML 29Page - Analog Devices AD9963-EBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 26 of 60
Register Name
Register
Address
Bit(s)
Parameter
Function
11: RXCLK is driven by the DLL output.
Note that the RXCLK signal is present on the TRXCLK pin with one
exception. In Half-Duplex 1-Clock mode, the RXCLK signal is present on
the TRXCLK pin when Rx is active, but the TXCLK signal appears on the
TRXCLK pin when TX is active.
3
RXCLK_INV
0: uses TRxCLK negative edge to drive out Rxdata.
1: uses TRxCLK positive edge to drive out Rxdata.
2
RXIQ_HILO
Data appears on the RXD bus sequentially but is sampled in the Rx path
in pairs. RXIQ_HILO selects how the RXIQ signal marks each data pair.
0: each data pair is marked by RXIQ being low then high.
1: each data pair is marked by RXIQ being high then low.
1
RX_IFIRST
The Rx path I and Q ADCs sample simultaneously producing a pair of
samples. Because the RXD bus is shared, the sampled I and Q data
appears on the TRXD bus sequentially. This bit determines the order of
the paired samples.
0: Q appears first on Rx path.
1: I appears first on Rx path.
0
RX_BNRY
0: straight binaryon Rx path.
1: twos compliment on Rx path.
FIFO Alignment
0x33
7
Unused
6
Unused
5
Unused
4
Unused
3
ALIGN_REQ
1: request FIFO read and write pointers alignment
2:0
FIFO_OFFSET[2:0]
Sets the FIFO read and write pointer phase offset following FIFO reset.
Normally this should be set to 000 to set the FIFO to half full.
FIFO Status
0x34
7:0
FIFO_LVL[7:0]
For valid transmit data path operation, the FIFO should be running half
full, that is, it should always contain 4 valid DAC input samples for each
DAC.
FIFO_LVL values of 00011110, 00011111, 000001110, and 00001111 all
indicate that the FIFO is half full. This phenomenon is due to ambiguities
in reading back the FIFO_LVL level from this register using the SPI port
versus the actual FIFO pointer values.
Tx Scale P
0x35
7:5
Unused
4:0
SRRC_SCALE[4:0]
Value of 1.4 multiplier applied to both I and Q channels just after the
SRRC filter.
00000: multiply by 0.0.
00001: multiply by 0.0625.
…
11111: multiply by 1.9375.
Tx Scale 0
0x36
7:5
Unused
4:0
INT0_SCALE[4:0]
Value of 1.4 multiplier applied to both I and Q channels just after
Interpolation Filter 0.
00000: multiply by 0.0.
00001: multiply by 0.0625.
…
Tx Scale 1
0x37
7:5
Unused
11111: multiply by 1.9375.
4:0
INT1_SCALE[4:0]
Value of 1.4 multiplier applied to both I and Q channels just after
Interpolation Filter 1.
00000: multiply by 0.0.
00001: multiply by 0.0625.
11111: multiply by 1.9375.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com