Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5071 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RFFC5071
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5071 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RFFC5071 Datasheet HTML 8Page - RF Micro Devices RFFC5071 Datasheet HTML 9Page - RF Micro Devices RFFC5071 Datasheet HTML 10Page - RF Micro Devices RFFC5071 Datasheet HTML 11Page - RF Micro Devices RFFC5071 Datasheet HTML 12Page - RF Micro Devices RFFC5071 Datasheet HTML 13Page - RF Micro Devices RFFC5071 Datasheet HTML 14Page - RF Micro Devices RFFC5071 Datasheet HTML 15Page - RF Micro Devices RFFC5071 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12 of 20
RFFC5071/5072
Proposed
Prelim DS101020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: VCO
VDD=+3V and TA=+27°C unless stated.
1475
1480
1485
1490
1495
1500
1505
0.0
0.5
1.0
1.5
Tuning Voltage (Volts)
VCO1 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C
2465
2470
2475
2480
2485
2490
2495
2500
2505
2510
2515
0.0
0.5
1.0
1.5
Tuning Voltage (Volts)
VCO3 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C
1980
1985
1990
1995
2000
2005
2010
2015
2020
0.0
0.5
1.0
1.5
Tuning Voltage (Volts)
VCO2 Frequency versus Tuning Voltage
For the same coarse tune setting, LO divide by two
-40 Deg C
+27 Deg C
+85 Deg C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com