Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFFC5071TR13 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RFFC5071TR13
Description  WIDEBAND SYNTHESIZER/VCO WITH INTEGRATED 6 GHz MIXER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFFC5071TR13 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RFFC5071TR13 Datasheet HTML 12Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 13Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 14Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 15Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 16Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 17Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 18Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 19Page - RF Micro Devices RFFC5071TR13 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17 of 20
RFFC5071/5072
Proposed
Prelim DS101020
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Characteristics: RF Mixers at 3.7GHz
VDD=+3V and TA=+27°C unless stated. As measured on 3.7GHz narrowband evaluation board.
See application schematic on page 8.
-10.0
-9.0
-8.0
-7.0
-6.0
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
3300
3500
3700
3900
4100
4300
4500
RF Input Frequency (MHz)
Conversion Gain of Mixer 1
Down Conversion with IF Output = 200MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1234567
Mixer Bias Current Setting (MIX1_IDD)
Mixer 1 Input IP3 versus Bias Current
RF Frequency = 4000MHz, IF Output = 200MHz
-40 Deg C, +2.7V
-40 Deg C, +3.0V
-40 Deg C, +3.3V
+27 Deg C, +2.7V
+27 Deg C, +3.0V
+27 Deg C, +3.3V
+85 Deg C, +2.7V
+85 Deg C, +3.0V
+85 Deg C, +3.3V
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
3300.0
3500.0
3700.0
3900.0
4100.0
4300.0
4500.0
RF Input Frequency (MHz)
LO & RF Leakage at Mixer 1 Output
RF Input Power
-10dBm, MIX1_IDD = 4
IF Output at 200MHz
LO Leakage (Low Side)
RF Leakage
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
3300
3500
3700
3900
4100
4300
LO Frequency (MHz)
Typical LO Leakage at Mixer 1 Output
+3.0V Supply Voltage
-40 Deg C
+27 Deg C
+85 Deg C
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
3500 3600 3700 3800 3900 4000 4100 4200 4300 4400
RF Input Frequency (MHz)
Mixer 1 Noise Figure versus Frequency
IF Output = 200MHz
MIX_IDD = 1
MIX_IDD = 2
MIX_IDD = 3
MIX_IDD = 4
MIX_IDD = 5
MIX_IDD = 6
MIX_IDD = 7
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
3300
3500
3700
3900
4100
4300
4500
RF Input Frequency (MHz)
Mixer 1 Linearity Performance
MIX_IDD = 5, +3.0V, IF Output = 200MHz
Input IP3
Pin 1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com