Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR712RC Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # GR712RC
Description  Dual-Core LEON3-FT SPARC V8 Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

GR712RC Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button GR712RC Datasheet HTML 9Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 10Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 11Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 12Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 13Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 14Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 15Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 16Page - Aeroflex Circuit Technology GR712RC Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
AEROFLEX GAISLER
13
GR712RC-DS
Copyright Aeroflex Gaisler AB
February 2013, Issue 2.0
Table 4. I/O switch matrix pin utilization per interface type
Interface type
Pin function
Direction
Total
In
Out
In/Out
SDRAM
SDDQM[3:0], SDCASN, SDRASN, SDWEN, SDCSN[1:0]
9
9
SDRAM Reed-Solomon
CB[15:8]
8
8
GPIO
GPIO[...]
26
38
64
UART
UART_TX[5:0], UART_RX[5:0]
6
6
12
SpaceWire
SPW_RXD[5:2], SPW_RXS[5:2], SPW_TXD[5:2], SPW_TXS[5:2]
8
8
16
Ethernet
RMTXD[1:0], RMTXEN, RMMDIO, RMMDC
5
4
1
10
RMRFCLK, RMRXD[0:1], RMCRSDV, RMINTN
CAN
CANTXA, CANRXA, CANTXB, CANRXB
4
4
8
MIL-STD-1553B BC/RT/BM
1553RXA, 1553RXNA, 1553RXENA, 1553TXA, 1553TXNA, 1553TXINHA
5
8
13
1553RXB, 1553RXNB, 1553RXENB, 1553TXB, 1553TXNB, 1553TXINHB
1553CK
I2C
I2CSDA, I2CSCL
2
2
SPI
SPICLK, SPIMOSI, SPIMISO
1
2
3
SLINK
SLI, SLO, SLSYNC, SLCLK
1
3
4
ASCS16
A16DASA, A16DASB, A16MCS, A16HS, A16DCS, A16MAS, A16ETR
2
5
7
CCSDS/ECSS TC
TCACT[4:0], TCD[4:0], TCCLK[4:0], TCRFAV[4:0]
20
20
CCSDS/ECSS TM
TMDO, TMCLKO, TMCLKI
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com