Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO122 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO122 Datasheet HTML 9Page - Texas Instruments ISO122 Datasheet HTML 10Page - Texas Instruments ISO122 Datasheet HTML 11Page - Texas Instruments ISO122 Datasheet HTML 12Page - Texas Instruments ISO122 Datasheet HTML 13Page - Texas Instruments ISO122 Datasheet HTML 14Page - Texas Instruments ISO122 Datasheet HTML 15Page - Texas Instruments ISO122 Datasheet HTML 16Page - Texas Instruments ISO122 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
®
ISO122
15
16
1
2
10
9
ISO122P
INPUT
SECTION
OUTPUT
SECTION
7
8
Gnd V
IN
V–
V+
V+
V–
V
O
Gnd
HPR117
6
5
4
2
1
Output
Gnd
V
O
V
IN
+15V
–15V
Auxiliary
Isolated
Power
Output
–15V, 20mA
+15V, 20mA
Input
Gnd
–15V, 20mA
+15V, 20mA
15
16
1
2
10
9
ISO122P
INPUT
SECTION
OUTPUT
SECTION
7
8
Gnd V
IN
V–
V+
V+
V–
V
O
Gnd
HPR117
4
5
6
1
2
V
IN
Input
Gnd
+15V, 20mA
–15V, 20mA
Auxiliary
Isolated
Power
Output
HPR117
6
5
4
1
V
O
Output
Gnd
Auxiliary
Isolated
Power
Output
Gnd
+15V
2
FIGURE 13. Powered ISO Amp with Three-Port Isolation. For additional information refer to AB-024.
FIGURE 12. Input-Side Powered ISO Amp. For additional information refer to AB-024.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com