Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG112AIDE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LOG112AIDE4
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112AIDE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LOG112AIDE4 Datasheet HTML 7Page - Texas Instruments LOG112AIDE4 Datasheet HTML 8Page - Texas Instruments LOG112AIDE4 Datasheet HTML 9Page - Texas Instruments LOG112AIDE4 Datasheet HTML 10Page - Texas Instruments LOG112AIDE4 Datasheet HTML 11Page - Texas Instruments LOG112AIDE4 Datasheet HTML 12Page - Texas Instruments LOG112AIDE4 Datasheet HTML 13Page - Texas Instruments LOG112AIDE4 Datasheet HTML 14Page - Texas Instruments LOG112AIDE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LOG112, 2112
11
SBOS246D
www.ti.com
also
VV
RR
R
OUT
L
=
+
12
1
(9)
V
RR
R
nV
I
I
OUT
T
=
+
12
1
1
2
log
(10)
or
V
V LOG
I
I
OUT =


(.
)
05
1
2
(11)
Using the base-emitter voltage relationship of matched
bipolar transistors, the LOG112 establishes a logarith-
mic function of input current ratios. Beginning with the
base-emitter voltage defined as:
VV
I
I
where V
kT
q
BE
T
C
S
T
==
ln
:
(1)
k = Boltzmann’s constant = 1.381 • 10–23
T = Absolute temperature in degrees Kelvin
q = Electron charge = 1.602 • 10–19 Coulombs
IC = Collector current
IS = Reverse saturation current
From the circuit in Figure 12:
VV
V
LBE
BE
=
12
–
(2)
Substituting (1) into (2) yields:
VV
I
I
V
I
I
LT
S
T
S
=
1
1
1
2
2
2
ln
–
ln
(3)
If the transistors are matched and isothermal and
VTI = VT2, then (3) becomes:
VV
I
I
I
I
LT
SS
=
1
12
ln
– ln
(4)
VV
I
I
and
ce
LT
=
ln
sin
1
2
(5)
ln
. log
xx
= 23
10
(6)
Vn V
I
I
LT
=
log 1
2
(7)
where n = 2.3
(8)
INSIDE THE LOG112
FIGURE 13. Simplified Model of a Log Amplifier.
A
2
A
1
I
1
Q
1
Q
2
I
2
I
1
I
2
++
––
R
2
V
OUT
V
L
R
1
V
BE1
V
BE2
V
OUT = (0.5V)LOG
I
1
I
2
NOTE: R1 is a metal resistor used to compensate for gain
over temperature.
DEFINITION OF TERMS
TRANSFER FUNCTION
The ideal transfer function is:
VLOGOUT = (0.5V)LOG (I1/I2)
Figure 14 shows the graphical representation of the transfer
over valid operating range for the LOG112 and LOG2112.
ACCURACY
Accuracy considerations for a log ratio amplifier are some-
what more complicated than for other amplifiers. This is
because the transfer function is nonlinear and has two
inputs, each of which can vary over a wide dynamic range.
The accuracy for any combination of inputs is determined
from the total error specification.
TOTAL ERROR
The total error is the deviation (expressed in mV) of the actual
output from the ideal output of VLOGOUT = (0.5V)LOG (I1/I2).
Thus,
VLOGOUT(ACTUAL) = VLOGOUT(IDEAL) ± Total Error
(6)
It represents the sum of all the individual components of error
normally associated with the log amp when operated in the
current input mode. The worst-case error for any given ratio
of I1/I2 is the largest of the two errors when I1 and I2 are
considered separately. Temperature can affect total error.
FIGURE 14. Transfer Function with Varying I2 and I1.
3.0
3.5
2.0
2.5
1.0
1.5
0.5
0
–3.0
–3.5
–2.0
–2.5
–1.0
–0.5
–1.5
1nA
10nA
100nA 1µ
A
10µ
A
100
µA
1mA
10m
A
100pA
I 2 =
100pA
I 2 =
1nA
I 2 =
10nA
I 2 =
100nA
I 2 =
1µ
A
I 2 =
10
µA
I 2 =
100
µA
I 2 =
1m
A
I
1
V
LOGOUT = (0.5V)LOG (I1/I2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com