Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG112 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LOG112
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LOG112 Datasheet HTML 8Page - Texas Instruments LOG112 Datasheet HTML 9Page - Texas Instruments LOG112 Datasheet HTML 10Page - Texas Instruments LOG112 Datasheet HTML 11Page - Texas Instruments LOG112 Datasheet HTML 12Page - Texas Instruments LOG112 Datasheet HTML 13Page - Texas Instruments LOG112 Datasheet HTML 14Page - Texas Instruments LOG112 Datasheet HTML 15Page - Texas Instruments LOG112 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LOG112, 2112
12
SBOS246D
www.ti.com
ERRORS RTO AND RTI
As with any transfer function, errors generated by the func-
tion may be Referred-to-Output (RTO) or Referred-to-Input
(RTI). In this respect, log amps have a unique property: given
some error voltage at the log amp’s output, that error corre-
sponds to a constant percent of the input regardless of the
actual input level.
LOG CONFORMITY
For the LOG112 and LOG2112, log conformity is calculated
the same as linearity and is plotted I1/I2 on a semi-log scale.
In many applications, log conformity is the most important
specification. This is true because bias current errors are
negligible (5pA compared to input currents of 100pA and
above) and the scale factor and offset errors may be trimmed
to zero or removed by system calibration. This leaves log
conformity as the major source of error.
Log conformity is defined as the peak deviation from the best
fit straight line of the VLOGOUT versus log (I1/I2) curve. This is
expressed as a percent of ideal full-scale output. Thus, the
nonlinearity error expressed in volts over m decades is:
VLOGOUT (NONLIN) = 0.5V/dec • 2NmV
(7)
where N is the log conformity error, in percent.
INDIVIDUAL ERROR COMPONENTS
The ideal transfer function with current input is:
V
V LOG
I
I
LOGOUT =
(
)


05
1
2
.
(8)
The actual transfer function with the major components of
error is:
VV
K
II
II
Nm V
LOGOUT
B
B
OSO
=
(
) ±
(
)


±±
05
1
1
1
2
2
.
log
(9)
The individual component of error is:
∆K = gain error (0.10%, typ), as specified in the specifica-
tion table.
IB1 = bias current of A1 (5pA, typ)
IB2 = bias current of A2 (5pA, typ)
N = log conformity error (0.01%, 0.13%, typ)
0.01% for m = 5, 0.13% for m = 7.5
VOSO = output offset voltage (3mV, typ)
m = number of decades over which N is specified
For example, what is the error when:
I1 = 1µA and I2 = 100nA
(10)
(11)
VmV
V
LOGOUT
(
)


±
( )(
) ±
=
−−
−−
05
0001
10
5 10
10
5 10
2 0 0001 5
3 0
0 505
612
712
.
.
log
..
.
Since the ideal output is 0.5V, the error as a percent of the
reading is:
%
.
.
%.
%
error
V
=•
=
0 505
05
100
1 01
(12)
For the case of voltage inputs, the actual transfer function is:
(13)
VV
K
V
R
I
E
R
V
R
I
E
R
Nm
V
LOGOUT
B
OS
B
OS
OSO
=
(
) ±
(
)
±
±
±±
05
1
1
11
2
22
1
1
2
2
.
log
Where
E
R
and
E
R
OS
OS
1
1
2
2
(offset error) are considered to be
zero for large values of resistance from external input current
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com