Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOG112AIDRE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # LOG112AIDRE4
Description  Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG112AIDRE4 Datasheet(HTML) 2 Page - Texas Instruments

  LOG112AIDRE4 Datasheet HTML 1Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 2Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 3Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 4Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 5Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 6Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 7Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 8Page - Texas Instruments LOG112AIDRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LOG112, 2112
2
SBOS246D
www.ti.com
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage, V+ to V– ..................................................................
±18V
Inputs .................................................................................................
±18V
Input Current ...................................................................................
±10mA
Output Short-Circuit Current(2) ................................................ Continuous
Operating Temperature .................................................... –40
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. (2) One output per package.
PIN CONFIGURATION
Top View
SO
I
2
V
CM – IN
NC
V
REF – GND
GND
V–
V
REF
NC = No Internal Connection
LOG112
I
1
NC
+IN3
–IN3
V
LOGOUT
V+
V
O3
14
13
12
11
10
9
8
1
2
3
4
5
6
7
I
1B
I
2B
+IN3B
–IN3B
V
LOGOUTB
V–
V
03B
V
REF
LOG2112
I
1A
I
2A
+IN3A
–IN3A
V
LOGOUTA
V+
V
O3A
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE
PACKAGE
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
LOG112
SO -14
D
LOG112A
LOG2112
SO -16
DW
LOG2112A
NOTES: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
PACKAGE/ORDERING INFORMATION(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com