Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS05DBLE Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LS05DBLE
Description  HEX INVERTERS WITH OPEN-COLLECTOR OUPUTS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS05DBLE Datasheet(HTML) 4 Page - Texas Instruments

  SN74LS05DBLE Datasheet HTML 1Page - Texas Instruments SN74LS05DBLE Datasheet HTML 2Page - Texas Instruments SN74LS05DBLE Datasheet HTML 3Page - Texas Instruments SN74LS05DBLE Datasheet HTML 4Page - Texas Instruments SN74LS05DBLE Datasheet HTML 5Page - Texas Instruments SN74LS05DBLE Datasheet HTML 6Page - Texas Instruments SN74LS05DBLE Datasheet HTML 7Page - Texas Instruments SN74LS05DBLE Datasheet HTML 8Page - Texas Instruments SN74LS05DBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SN54LS05, SN54S05
SN7405, SN74LS05, SN74S05
HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS
SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
SN5405
SN7405
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VOH
High-level output voltage
5.5
5.5
V
IOL
Low-level output current
16
16
mA
TA
Operating free-air temperature
−55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN5405
SN7405
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = −12 mA
−1.5
−1.5
V
IOH
VCC = MIN,
VOH = 5.5 V
VIL = 0.8 V
0.25
mA
IOH
VCC = MIN,
VOH = 5.5 V
VIL = 0.7 V
0.25
mA
VOL
VCC = MIN,
VIH = 2 V,
IOL = 16 mA
0.2
0.4
0.2
0.4
V
II
VCC = MAX,
VI = 5.5 V
1
1
mA
IIH
VCC = MAX,
VI = 2.4 V
40
40
µA
IIL
VCC = MAX,
VI = 0.4 V
−1.6
−1.6
mA
ICCH
VCC = MAX,
VI = 0 V
6
12
6
12
mA
ICCL
VCC = MAX,
VI = 4.5 V
18
33
18
33
mA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
A
Y
RL = 4 kΩ
CL = 15 pF
40
55
ns
tPHL
A
Y
RL = 400 Ω
CL = 15 pF
8
15
ns
The SN5405 is obsolete
and no longer is supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com