Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC271CPSRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC271CPSRG4
Description  LinCMOS PROGRAMMABLE LOW-POWER TIONAL AMPLIFIERS
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC271CPSRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC271CPSRG4 Datasheet HTML 17Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 18Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 19Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 20Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 21Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 22Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 23Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 24Page - Texas Instruments TLC271CPSRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
TLC271, TLC271A, TLC271B
LinCMOS
 PROGRAMMABLE LOW-POWER
OPERATIONAL AMPLIFIERS
SLOS090D – NOVEMBER 1987 – REVISED MARCH 2001
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (HIGH-BIAS MODE)†
Figure 32
0
CL – Capacitive Load – pF
50
°
100
25
°
20
40
60
80
30
°
35
°
40
°
45
°
See Figure 100
VI = 10 mV
TA = 25°C
VDD = 5 mV
PHASE MARGIN
vs
CAPACITIVE LOAD
Figure 33
1
f – Frequency – Hz
400
1000
0
100
200
300
10
100
EQUIVALENT NOISE VOLTAGE
vs
FREQUENCY
350
250
150
50
VDD = 5 V
TA = 25°C
RS = 20 Ω
See Figure 99
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com