Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP240D2 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MP240D2
Description  SOLID-STATE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP240D2 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MP240D2 Datasheet HTML 1Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 8Page - List of Unclassifed Manufacturers MP240D2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 5/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
Surge Current Data
Thermal Ratings
DC SERIES: The DC Series delivers isolated DC control to large OEM customers
worldwide.
AC SERIES: The AC Series offers the ultimate in solid-state reliability. All AC power
series relays feature a built-in snubber and zero voltage turn-on. Transient proof models
offer self-protection for noisy electrical environments.
Dimensional
Drawings
AC Power Series - 480/575 Volt
Specifications
Model
Number
Nominal
AC Line
Voltage
Nominal
Current
Rating
(Amps)
1 cycle
Surge
(Amps)
Peak
Nominal
Signal Input
Resistance
(Ohms)
Signal
Pick-up
Voltage
Signal
Drop-out
Voltage
Peak
Repetitive
Voltage
Maximum
Maximum
Output
Voltage
Drop
Off-State
Leakage
(mA)
Maximum
Operating
Voltage
Range
(Volts AC)
I2t Rating
t=8.3
(ms)
Isolation
Voltage
θjc*
(°C/Watt)
Dissipation
(Watts/Amp)
480D10-12
480
10
110
1000
3VDC
(32V
Allowed)
1 VDC
1200
3.2 volts
11 mA
100-530
50
4,000VRMS
1.2
2.5
480D15-12
480
15
150
1000
3VDC
(32V
Allowed)
1 VDC
1200
3.2 volts
11 mA
100-530
50
4,000VRMS
1.2
2.5
480D25-12
480
25
250
1000
3VDC
(32V
Allowed)
1 VDC
1000
1.6 volts
11 mA
100-530
250
4,000VRMS
1.3
1.3
480D45-12
480
45
650
1000
3VDC
(32V
Allowed)
1 VDC
1000
1.6 volts
11 mA
100-530
1750
4,000VRMS
0.67
0.9
575D15-12
575
15
150
1000
3VDC
(32V
Allowed)
1 VDC
1200
3.2 volts
15 mA
100-600
90
4,000VRMS
1.2
2.5
575D45-12
575
45
650
1000
3VDC
(32V
Allowed)
1 VDC
1000
1.6 volts
15 mA
100-600
1750
4,000VRMS
0.67
0.9
Note:
θjc* = Thermal resistance junction to base. Maximum junction temperature is 110°C.
Time
Second
Time***
(Cycles)
10-Amp
Peak
Amps
15-Amp
Peak
Amps
25-Amp
Peak
Amps
45-Amp
Peak
Amps
0.017
1
110
150
250
650
0.050
3
85
140
175
420
0.100
6
70
110
140
320
0.200
12
60
90
112
245
0.500
30
50
70
80
175
160
40
55
67
134
2
120
33
49
53
119
3
180
32
47
49
98
4
240
31
43
47
95
5
300
30
40
45
91
10
60028
354284
Note: ***60 HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com