Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P240D2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P240D2
Description  SOLID-STATE RELAYS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P240D2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P240D2 Datasheet HTML 1Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 2Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 3Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 4Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 5Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 6Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 7Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 8Page - List of Unclassifed Manufacturers P240D2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Form 859-990514
SOLID-STATE RELAYS
DATA SHEET
page 2/12
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590 • Phone: (909)695-3000 • (800)321-OPTO • Fax: (909)695-3095 • Internet: www.opto22.com
Inside Sales:(800)452-OPTO •Product Support: (800)TEK-OPTO•(909)695-3080•Fax:(909)695-3017 •E-mail:support@opto22.com•FaxBack:(800)474-OPTO
• 4,000 V optical isolation input to output
• Zero voltage turn-on
• Turn-on time: ½ cycle maximum
• Turn-off time: ½ cycle maximum
• Operating frequency: 25 to 65 Hz (operates at 400 Hz with six times off-state leakage)
• Coupling capacitance input to output: 8 pF maximum
• DV/DT Off-state: 200 volts per microsecond
• DV/DT commutating: snubbed for rated current at 0.5 power factor
• UL recognized
• CSA certified
• CE component
All Models
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com