Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC934AF Datasheet(PDF) 1 Page - Linear Technology

Part # DC934AF
Description  LTC2607 16-Bit Dual Rail-to-Rail DAC with I2C Interface
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC934AF Datasheet(HTML) 1 Page - Linear Technology

  DC934AF Datasheet HTML 1Page - Linear Technology DC934AF Datasheet HTML 2Page - Linear Technology DC934AF Datasheet HTML 3Page - Linear Technology DC934AF Datasheet HTML 4Page - Linear Technology DC934AF Datasheet HTML 5Page - Linear Technology DC934AF Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc934af
DEMO MANUAL DC934A
Description
LTC2607
16-Bit Dual Rail-to-Rail DAC
with I2C Interface
Demonstration circuit 934A features the LTC®2607 dual
16-bit DAC. This device establishes a new board-density
benchmark for 16-bit DACs and advances performance
standards for output drive, load regulation, and crosstalk
in single supply, voltage-output DACs.
DC934Ahasmanyfeaturesforevaluatingtheperformance
of the LTC2607. Onboard 5V, 4.096V, and 2.5V precision
referencesareprovided,andtheLTC2607maybepowered
by the 5V reference for evaluating rail-to-rail operation.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
QuikEval is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
performance summary
Another feature of this board is the onboard LTC2422
20-bitADCformonitoringDACoutputvoltage.The16ppm
total error of this device is adequate for taking meaningful
measurements of various LTC2607 parameters.
Design files for this circuit board are available at
http://www.linear.com/demo
Specifications are at TA = 25°C
Figure 1. Proper Measurement Equipment Setup
PARAMETER
CONDITION
VALUE
Resolution
16 Bits
Monotonicity
VCC = 5V, VREF = 4.096V
16 Bits
Differential Nonlinearity
VCC = 5V, VREF = 4.096V
±1LSB
Integral Nonlinearity
VCC = 5V, VREF = 4.096V
±19LSB Typical
Load Regulation
VCC = VREF = 5V, Mid-scale
IOUT = ±15 mA
2LSB/mA Max
DC Crosstalk
Due to Load Current Change on Any Other Channel
3µV/mA


Similar Part No. - DC934AF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
DC934A LINER-DC934A Datasheet
438Kb / 16P
Linduino One Isolated Arduino-Compatible Demonstration Board
More results

Similar Description - DC934AF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1669 LINER-LTC1669 Datasheet
193Kb / 12P
10-Bit Rail-to-Rail Micropower DAC with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607 Datasheet
331Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
DC812A LINER-DC812A_15 Datasheet
109Kb / 1P
SCH LTC2606CDD 16 BIT RAIL TO RAIL VOUT DAC I2C INTERFACE
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2617 LINER-LTC2617_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2627 LINER-LTC2627_15 Datasheet
295Kb / 20P
16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com