Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP-751 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # TGP-751
Description  ThermoHarvesting Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TGP-751 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button TGP-751 Datasheet HTML 10Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 11Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 12Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 13Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 14Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 15Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 16Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 17Page - List of Unclassifed Manufacturers TGP-751 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Micropelt - preliminary - Datasheet TE-CORE v2.5 | Page 14
Thermoharvesting Module
Micropelt TE-CORE
Solder pads J1 and J2
connection for heat flux
direction (standard de-
livered)
Solders pad J1 and J2
connection for reversed
heat flux direction
4.3 Connection to hot source
The best method to connect the TE-CORE power har-
vesting kit to a hot source is by:

Magnetic surface - in this case simply to use the
magnet on the bottom side from TE-CORE Module

None magnetic surface - use the enclosed self-
adhesive magnetic disks to connect to the hot sur-
face. Please remove the protector foil from the self-
adhesive magnetic disks and connect to the warm
surface. In the next step set the middle of the TE-
CORE module above the magnetic disks.
For the best thermal connection from TGP to warm sur-
face you can use a thermal compound (paste).
4
Thermo Meets Electrics
4.1 Heatsink and Convection
Both positioning and orientation of the TE-CORE are
of major importance for the harvesting yield. The ori-
entation of the heatsink and its fins relative to the heat
source and the direction of natural or forced convec-
tion deserve special attention.
Please avoid placing the TE-CORE in horizontal orienta-
tion on top of a heat source. This will minimize the ef-
fective temperature differential. Prefer a mounting po-
sition on the side or underside of a heat source.
A forced air flow along the heatsink fins, e.g. from a
motor fan or ventilator, usually maximizes power re-
gardless of mounting position and natural convection.
Due to the uni-polar design of the TE-CORE, a manual
polarity option is provided. Solder pad are available on
the bottom side of the PCB (J1 and J2), by which the
polarity can be determined.
This gets around the losses that a rectifier would intro-
duce but requires an engineering action to change the
direction of the heat flux.
4.2 Polarity and heat flux direction
Along with a change of the heat flux direction, the po-
larity of the TGP’s output voltage inverts.
Standard setting is for the TGP TOP side to be the
hot side and the heat sink is the cold side or room
temperature of the thermal path.
Standard heat flux
Reverse heat flux
thermal glue
heat sink
heat source
thermal radiation
Magnet
Heatsink orientation matters!




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com