Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC
Description  Quad buffer/line driver; 3-state
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC Datasheet HTML 1Page - NXP Semiconductors 74HC Datasheet HTML 2Page - NXP Semiconductors 74HC Datasheet HTML 3Page - NXP Semiconductors 74HC Datasheet HTML 4Page - NXP Semiconductors 74HC Datasheet HTML 5Page - NXP Semiconductors 74HC Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
December 1990
4
Philips Semiconductors
Product specification
Quad buffer/line driver; 3-state
74HC/HCT125
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min. typ. max. min. max.
min.
max.
tPHL/ tPLH propagation delay
nA to nY
30
100
125
150
ns
2.0
Fig.6
11
20
25
30
4.5
9
17
21
26
6.0
tPZH/ tPZL 3-state output enable time
nOE to nY
41
125
155
190
ns
2.0
Fig.7
15
25
31
38
4.5
12
21
26
32
6.0
tPHZ/ tPLZ 3-state output disable time
nOE to nY
41
125
155
190
ns
2.0
Fig.7
15
25
31
38
4.5
12
21
26
32
6.0
tTHL/ tTLH
output transition time
14
60
75
90
ns
2.0
Fig.6
5
12
15
18
4.5
4
10
13
15
6.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com