Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4516 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # AN4516
Description  Dual 10 m high-side switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN4516 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  AN4516 Datasheet HTML 1Page - Freescale Semiconductor, Inc AN4516 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information, please visit freescale.com/analog
Freescale and the Freescale logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. SMARTMOS is
a trademark of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners.
© 2013 Freescale Semiconductor, Inc.
Document Number: MC10XSD200FS REV 1
This device features a dynamic overcurrent
threshold profile in order to avoid shutting off
due to inrush current while still being able to
closely track the load current. Switching the
current of each channel can be sensed with
a programmable sensing ratio. Whenever
communication with the external MCU is
lost, the device enters a fail-safe operation
mode, but remains operational, controllable
and protected.
Freescale: A Leader in
Analog Solutions
Expanding on more than 30 years of
innovation, Freescale is a leading provider
of high-performance products that use
SMARTMOS technology combining digital,
power and standard analog functions.
Freescale supplies analog and power
management ICs that are advancing the
automotive, consumer, industrial and
networking markets. Analog solutions
interface with real-world signals to control
and drive for complete embedded systems.
Product Features and Benefits
Features
Benefits
Two fully protected 10 mΩ (@ 25 °C) high-side switches
Offers an intelligent high-side switch for industrial
applications
Up to 6 A steady state current per channel
Allows decentralized lighting management (autonomous
operation)
Separate bulb and DC motor latched overcurrent handling Provides a high number of protective and diagnostic
functions
Individually programmable internal/external PWM
clock signals
Allowsusertodrivebulblamps(tungstenfilament),LED
lights and DC motors
Overcurrent, short-circuit, and overtemperature
protection with programmable auto-retry functions
Guarantees full functional and electrical compatibility
between family members
Accurate temperature and current sensing
Offers a 16-bit SPI interface for daisy chaining multiple
devices
Open load detection (channel in, off and on states) and
LEDapplications(7.0mAtypical)
Allows multiple channel and device current sensing with
only one precision resistor
Normal operating range: 8–36 V, extended range: 6–58 V
3.3 and 5 V compatible 16-bit SPI port for device control,
configurationanddiagnosticsatratesupto8MHz
Performance
Performance
Typical Values
Outputs
2
RDS(on) at 25 ºC
Dual 10 mΩ
Operating voltage
8–36 V
Extended operating range
6–58 V
Peak current
77A
ESD
± 8 kV power I/Os
± 2 kV digital I/Os
Documentation
Freescale Document
Number
Title
Description
MC10XSD200
Dual10mΩHigh-SideSwitch
Data sheet
SG1002
Analog Product Selector Guide
Selector guide
SG200
Analog and Power Management Industrial Selector Guide
Selector guide
AN2467
PowerQuadFlatNo-LeadPackage
Application note
AN4473
Compact Thermal Model Application Note
Application note
AN4474
EMC and Fast Transient Pulses Performances Application Note
Application note
AN4516
IBIS Model Application Note
Application note
Development Tools
Part Number
Description
KIT10XS4200EVBE
Evaluationboard,featuringtheMC10XS4200
23-pin PQFN (12 x 12 mm)
98ASA00428D



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com