Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC07ABQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC07ABQ
Description  Hex buffer with open-drain outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC07ABQ Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC07ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC07ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
74LVC07A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 October 2011
3 of 14
NXP Semiconductors
74LVC07A
Hex buffer with open-drain outputs
5.2 Pin description
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; Z = high-impedance OFF-state
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
For SO14 packages: above 70
C derate linearly with 8 mW/K.
For TSSOP14 packages: above 60
C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
C derates linearly with 4.5 mW/K.
Table 2.
Pin description
Symbol
Pin
Description
1A, 2A, 3A, 4A, 5A, 6A
1, 3, 5, 9, 11, 13
data input
1Y, 2Y, 3Y, 4Y, 5Y, 6Y
2, 4, 6, 8, 10, 12
data output
GND
7
ground (0 V)
VCC
14
supply voltage
Table 3.
Function selection [1]
Input
Output
nA
nY
LL
HZ
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO < 0 V
50
-
mA
VO
output voltage
active mode
[2]
0.5
+6.5
V
high-impedance mode
[2]
0.5
+6.5
V
IO
output current
VO = 0 V to VCC
-50
mA
ICC
supply current
-
100
mA
IGND
ground current
100
-
mA
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -
500
mW
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com