Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576DU/DA/2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 5Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 10Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 11Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 12Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
9 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.3 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
mode-set command from the command decoder. The biasing configurations that apply to
the preferred modes of operation, together with the biasing characteristics as functions of
VLCD and the resulting discrimination ratios (D) are given in Table 6.
Discrimination is a term which is defined as the ratio of the on and off RMS voltage across
a segment. It can be thought of as a measurement of contrast.
A practical value for VLCD is determined by equating Voff(RMS) with a defined LCD
threshold voltage (Vth(off)), typically when the LCD exhibits approximately 10 % contrast. In
the static drive mode a suitable choice is VLCD >3Vth(off).
Multiplex drive modes of 1:3 and 1:4 with 1⁄2 bias are possible but the discrimination and
hence the contrast ratios are smaller.
Bias is calculated by
, where the values for a are
a = 1 for 1⁄2 bias
a = 2 for 1⁄3 bias
The RMS on-state voltage (Von(RMS)) for the LCD is calculated with Equation 1:
(1)
where the values for n are
n = 1 for static drive mode
n = 2 for 1:2 multiplex drive mode
n = 3 for 1:3 multiplex drive mode
n = 4 for 1:4 multiplex drive mode
The RMS off-state voltage (Voff(RMS)) for the LCD is calculated with Equation 2:
(2)
Discrimination is the ratio of Von(RMS) to Voff(RMS) and is determined from Equation 3:
Table 6.
Biasing characteristics
LCD drive
mode
Number of:
LCD bias
configuration
Backplanes Levels
static
1
2
static
0
1
1:2 multiplex
2
3
1⁄2
0.354
0.791
2.236
1:2 multiplex
2
4
1⁄3
0.333
0.745
2.236
1:3 multiplex
3
4
1⁄3
0.333
0.638
1.915
1:4 multiplex
4
4
1⁄3
0.333
0.577
1.732
V
off RMS

V
LCD
-------------------------
V
on RMS

V
LCD
------------------------
D
V
on RMS

V
off RMS

-------------------------
=
1
1a
+
-------------
V
on RMS

a2
2a
n
++
n
1a
+

2
------------------------------
V
LCD
=
V
off RMS

a2
2a
–
n
+
n
1a
+

2
------------------------------
V
LCD
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com