Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8576DU/2DA/2 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8576DU/2DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 30Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 31Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DU/2DA/2 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
33 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
11. Static characteristics
[1]
VLCD > 3 V for 1⁄3 bias.
[2]
LCD outputs are open-circuit; inputs at VSS or VDD; external clock with 50 % duty factor; I2C-bus inactive.
[3]
The I2C-bus interface of PCF8576D is 5 V tolerant.
[4]
When tested, I2C pins SCL and SDA have no diode to VDD and may be driven to the VI limiting values given in Table 18.
[5]
Propagation delay of driver between clock (CLK) and LCD driving signals.
[6]
Periodically sampled, not 100 % tested.
[7]
Outputs measured one at a time.
Table 19.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 6.5 V; Tamb = 40 C to +85 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
1.8
-
5.5
V
VLCD
LCD supply voltage
[1]
2.5
-
6.5
V
IDD
supply current
fclk(ext) = 1536 Hz
[2]
-3.5
7
A
VDD =3.0 V;
Tamb =25 C
-2.7
-
A
IDD(LCD)
LCD supply current
fclk(ext) = 1536 Hz
[2]
-18
25
A
VDD(LCD) =3.0 V;
Tamb =25 C
-13
-
A
Logic[3]
VP(POR)
power-on reset supply voltage
1.0
1.3
1.6
V
VIL
LOW-level input voltage
on pins CLK, SYNC,
OSC, A0 to A2, SA0,
SCL, SDA
VSS
-0.3VDD
V
VIH
HIGH-level input voltage
on pins CLK, SYNC,
OSC, A0 to A2, SA0,
SCL, SDA
[4][5]
0.7VDD
-VDD
V
IOL
LOW-level output current
output sink current;
VOL = 0.4 V; VDD =5 V
on pins CLK and SYNC
1-
-
mA
on pin SDA
3
-
-
mA
IOH(CLK)
HIGH-level output current on pin CLK
output source current;
VOH =4.6 V; VDD =5V
1-
-
mA
IL
leakage current
VI =VDD or VSS;
on pins CLK, SCL, SDA,
A0 to A2 and SA0
1-
+1
A
IL(OSC)
leakage current on pin OSC
VI =VDD
1-
+1
A
CI
input capacitance
[6]
--
7
pF
LCD outputs
V
O
output voltage variation
on pins BP0 to BP3 and
S0 to S39
100
-
+100
mV
RO
output resistance
VLCD = 5 V
[7]
on pins BP0 to BP3
-
1.5
-
k
on pins S0 to S39
-
6.0
-
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com