Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8583BS Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8583BS
Description  Clock and calendar with 240 X 8-bit RAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8583BS Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8583BS Datasheet HTML 9Page - NXP Semiconductors PCF8583BS Datasheet HTML 10Page - NXP Semiconductors PCF8583BS Datasheet HTML 11Page - NXP Semiconductors PCF8583BS Datasheet HTML 12Page - NXP Semiconductors PCF8583BS Datasheet HTML 13Page - NXP Semiconductors PCF8583BS Datasheet HTML 14Page - NXP Semiconductors PCF8583BS Datasheet HTML 15Page - NXP Semiconductors PCF8583BS Datasheet HTML 16Page - NXP Semiconductors PCF8583BS Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
PCF8583
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 06 — 6 October 2010
13 of 37
NXP Semiconductors
PCF8583
Clock and calendar with 240 x 8-bit RAM
this mode, the timer (location 07h) increments once for every one, one hundred, ten
thousand, or 1 million events, depending on the value programmed in bits 0, 1 and 2 of
the alarm control register. In all other events, the timer functions are as in the clock mode.
7.9 Interrupt output
The conditions for activating the output INT (active LOW) are determined by appropriate
programming of the alarm control register. These conditions are clock alarm, timer alarm,
timer overflow, and event counter alarm. An interrupt occurs when the alarm flag or the
timer flag is set, and the corresponding interrupt is enabled. In all events, the interrupt is
cleared only by software resetting of the flag which initiated the interrupt.
In the clock mode, if the alarm enable is not activated (alarm enable bit of the control and
status register is logic 0), the interrupt output toggles at 1 Hz with a 50 % duty cycle (may
be used for calibration). This is the default power-on state of the device. The OFF voltage
of the interrupt output may exceed the supply voltage, up to a maximum of 6.0 V. A logic
diagram of the interrupt output is shown in Figure 12.
7.10 Oscillator and divider
A 32.768 kHz quartz crystal has to be connected to OSCI and OSCO. A trimmer capacitor
between OSCI and VDD is used for tuning the oscillator (see Section 11.1). A 100 Hz clock
signal is derived from the quartz oscillator for the clock counters.
Fig 13. Alarm control register, event counter mode
memory location 08h
reset state: 0000 0000
timer function:
clock alarm function:
timer alarm enable:
alarm interrupt enable:
7
654
321
0
MSB
LSB
013aaa376
000
001
010
011
100
101
110
111
no timer
units
100
10 000
1 000 000
not allowed
not allowed
test mode, all counters
in parallel
timer interrupt enable:
0
1
timer flag, no interrupt
timer flag, interrupt
00
01
10
11
no event alarm
event alarm
not allowed
not allowed
0
1
no timer alarm
timer alarm
0
1
alarm flag, no interrupt
alarm flag, interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com