Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTDF1C02HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTDF1C02HD
Description  COMPLEMENTARY DUAL TMOS POWER FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTDF1C02HD Datasheet(HTML) 2 Page - Motorola, Inc

  MTDF1C02HD Datasheet HTML 1Page - Motorola, Inc MTDF1C02HD Datasheet HTML 2Page - Motorola, Inc MTDF1C02HD Datasheet HTML 3Page - Motorola, Inc MTDF1C02HD Datasheet HTML 4Page - Motorola, Inc MTDF1C02HD Datasheet HTML 5Page - Motorola, Inc MTDF1C02HD Datasheet HTML 6Page - Motorola, Inc MTDF1C02HD Datasheet HTML 7Page - Motorola, Inc MTDF1C02HD Datasheet HTML 8Page - Motorola, Inc MTDF1C02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MTDF1C02HD
2
Motorola TMOS Power MOSFET Transistor Device Data
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Polarity
Symbol
Typical
Max
Unit
Drain–to–Source Voltage
N & P–Ch
VDSS
—
20
V
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
N & P–Ch
VDGR
—
20
V
Gate–to–Source Voltage — Continuous
N & P–Ch
VGS
—
± 8.0
V
1 inch SQ.
FR–4 or G–10 PCB
Figure A below
1 die operating
Steady State
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
N–Channel
RTHJA
PD
ID
ID
IDM
80
—
—
—
—
—
100
1.25
10
2.8
2.3
23
°C/W
Watts
mW/
°C
A
A
A
Minimum
FR–4 or G–10 PCB
Figure B below
1 die operating
Steady State
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
N–Channel
RTHJA
PD
ID
ID
IDM
160
—
—
—
—
—
200
0.63
5.0
1.7
1.6
16
°C/W
Watts
mW/
°C
A
A
A
1 inch SQ.
FR–4 or G–10 PCB
Figure A below
1 die operating
Steady State
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
P–Channel
RTHJA
PD
ID
ID
IDM
80
—
—
—
—
—
100
1.25
10
2.3
1.9
19
°C/W
Watts
mW/
°C
A
A
A
Minimum
FR–4 or G–10 PCB
Figure B below
1 die operating
Steady State
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
P–Channel
RTHJA
PD
ID
ID
IDM
160
—
—
—
—
—
200
0.63
5.0
1.6
1.3
13
°C/W
Watts
mW/
°C
A
A
A
Minimum
FR–4 or G–10 PCB
Figure B below
2 die operating
Steady State
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Continuous @ TA = 70°C
Pulsed Drain Current (1)
N & P–Ch
RTHJA
PD
ID
ID
IDM
240
—
—
—
—
—
300
0.42
3.33
1.3
1.1
11
°C/W
Watts
mW/
°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
—
– 55 to 150
°C
(1) Repetitive rating; pulse width limited by maximum junction temperature.
Figure B. Minimum FR–4 or G–10 PCB
Figure A. 1.0 Inch Square FR–4 or G–10 PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com