Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9331H Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA9331H
Description  I2C-bus controlled TV display processors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA9331H Datasheet HTML 35Page - NXP Semiconductors TDA9331H Datasheet HTML 36Page - NXP Semiconductors TDA9331H Datasheet HTML 37Page - NXP Semiconductors TDA9331H Datasheet HTML 38Page - NXP Semiconductors TDA9331H Datasheet HTML 39Page - NXP Semiconductors TDA9331H Datasheet HTML 40Page - NXP Semiconductors TDA9331H Datasheet HTML 41Page - NXP Semiconductors TDA9331H Datasheet HTML 42Page - NXP Semiconductors TDA9331H Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
2002 Jun 04
39
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
handbook, full pagewidth
MGS897
0.75
µs
2.35
µs
2.40
µs
5.5
µs
mid blank = mid flyback
37 LLC = 2.67
µs
22 LLC = 1.59
µs
HD input
HSHIFT
2fH NTSC
signal
(fH = 31.47 kHz)
CLP pulse
counter
blanking
0.606
µs
0.592
µs
1.993
µs
3.784
µs
50 ns
mid blank = mid flyback
18 LLC = 1.22
µs
HD input
HDTV
signal
(fH = 33.75 kHz)
CLP pulse
0.592
µs
15 LLC = 1.01
µs
counter
blanking
(a) Timing in 2 fH TV mode (HDTV = 0, HDCL = 0)
(b) Timing in HDTV mode (HDTV = 1, HDCL = 1)
HSHIFT
40 LLC = 2.69
µs
+ 14 LLC
− 16 LLC
40 LLC = 2.89
µs
+ 14 LLC
− 16 LLC
Fig.11 Timing of clamp pulse and line blanking in 2fH TV mode and HDTV mode.
Video signals are shown as illustration only. All horizontal timing signals in the IC are solely related to the start of the HD pulse
that is applied to the IC.
All horizontal timing signals are generated with the help of the internal line locked clock (LLC). One line period is always divided
into 440 line locked clock pulses. Time periods depicted in the figure are only valid for line frequencies mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com