Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6EP13 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6EP13
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6EP13 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6EP13 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6EP13 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 114 page
background image
Monitoring and Control Devices
7/3
Siemens LV 1 T · 2006
Introduction
The advantages at a glance
Order No.
Page
3RP, 7PV timing relays
3RP15 timing relays in industrial enclosure,
22.5 mm
• Low-cost solution with monofunctions such as response
delay, off-delay, clock-pulse, wye-delta function and
multifunction
3RP15
7/49
• Wide-range voltage designs
3RP20 timing relays, 45 mm
• The solution for small mounting depths
3RP20
7/55
• The low mounting height reduces the tier spacing
7PV timing relays for panel mounting
• Digital variant
7PV
7/58
3RT19 timing relays for mounting onto contactors • Saves space because the relay is mounted onto the
contactor
3RT19
7/60
• Wiring advantages thanks to direct contacting
with contactor
3UG monitoring relays for electrical and additional measurements
Line monitoring
Phase sequence
• Low-cost solution for monitoring the phase sequence
3UG45 11
7/63
Phase sequence, phase failure, phase unbalance
• Wide voltage range from 160 ... 690 V
3UG45 12
7/63
Phase sequence, phase failure, phase unbalance
and undervoltage
• Analog adjustable
• Wide voltage range from 160 ... 690 V
3UG45 13
7/64
• Digitally adjustable with LCD display for indication of
ACTUAL value and device status
• Wide voltage range from 160 ... 690 V
3UG46 14
7/64
Phase sequence, phase failure, phase unbalance
and overvoltage and undervoltage
• Digitally adjustable with LCD display for indication of
ACTUAL value and device status
• Wide voltage range from 160 ... 690 V
3UG46 15
7/65
Phase sequence, phase and N conductor failure,
phase unbalance, overvoltage and undervoltage
3UG46 16
7/65
Automatic correction of the direction of rotation in
case of wrong phase sequence, phase failure,
phase unbalance, overvoltage and undervoltage
3UG46 17
7/65
Automatic correction of the direction of rotation in
case of wrong phase sequence, phase and
N conductor failure, phase unbalance, overvoltage
and undervoltage
3UG46 18
7/65
Voltage monitoring
Voltage monitoring with internal power supply for
overvoltage and undervoltage
• Digitally adjustable with LCD display for indication of
ACTUAL value and device status
• Wide measuring ranges
• Variant for wide voltage range
3UG46 33
7/69
Voltage monitoring with auxiliary voltage for
overvoltage and undervoltage
3UG46 31/32
7/70
Current monitoring
Current monitoring with auxiliary voltage for
overvoltage and undervoltage
• Digitally adjustable with LCD display for indication of
ACTUAL value and device status
• Wide measuring ranges
• Variant for wide voltage range
3UG46 21/22
7/73
Power factor monitoring (motor load monitoring)
Monitoring relay for overshoot and undershoot
monitoring with internal power supply
(window monitoring)
• Upper and lower threshold value can be adjusted
separately
3UG30 14
7/76
Insulation resistance
Monitoring of the insulation resistance for
ungrounded AC or DC networks from 10 ... 110 k
W
• Test button
3UG30 81,
3UG30 82
7/78
• With or without memory
• Switchable measuring range
Level monitoring
Fill level and resistance
• As single-step or two-step controls for inlet or outlet
monitoring of conducting liquids or as
resistance threshold switch
3UG35 01
7/82
• Variable, wide range from 5 ... 100 k
W
• UNDER/OVER adjustable
Speed monitoring
Underspeed monitoring
• Together with a sensor for monitoring continuous pulses
3UG30 51
7/85
• With or without memory
• Adjustable ON delay
• 1, 2 and 3 changeover contacts
• Hard gold-plated contacts in combination and wide voltage
range versions
3RP
7PV
3UG45 11
3UG46 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com