Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7980 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L7980
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L7980 Datasheet HTML 33Page - STMicroelectronics L7980 Datasheet HTML 34Page - STMicroelectronics L7980 Datasheet HTML 35Page - STMicroelectronics L7980 Datasheet HTML 36Page - STMicroelectronics L7980 Datasheet HTML 37Page - STMicroelectronics L7980 Datasheet HTML 38Page - STMicroelectronics L7980 Datasheet HTML 39Page - STMicroelectronics L7980 Datasheet HTML 40Page - STMicroelectronics L7980 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
L7980
Application ideas
Doc ID 15181 Rev 4
37/44
Figure 34.
Maximum output current according to max DC switch current (2.0 A):
VO=12 V
Equation 37
where VD is the voltage drop across diodes, VSW and VSWE across the internal and external
power MOSFET.
7.2
Inverting buck-boost
The L7980 can implement the step up/down converter with a negative output voltage.
Figure 33. shows the schematic to regulate -5 V: no further external components are added
to the standard buck topology.
The relationship between input and output voltage is:
Equation 38
So the duty cycle is:
Equation 39
D
V
OUT
2V
D
+
V
IN
V
SW
V
SWE
V
OUT
2V
D
++
--------------------------------------------------------------------------------------------
=
V
OUT
V
IN
D
1D
-------------
=
D
V
OUT
V
OUT
V
IN
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com