Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7980A Datasheet(PDF) 35 Page - STMicroelectronics

Part # L7980A
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L7980A Datasheet HTML 31Page - STMicroelectronics L7980A Datasheet HTML 32Page - STMicroelectronics L7980A Datasheet HTML 33Page - STMicroelectronics L7980A Datasheet HTML 34Page - STMicroelectronics L7980A Datasheet HTML 35Page - STMicroelectronics L7980A Datasheet HTML 36Page - STMicroelectronics L7980A Datasheet HTML 37Page - STMicroelectronics L7980A Datasheet HTML 38Page - STMicroelectronics L7980A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
L7980
Application ideas
Doc ID 15181 Rev 4
35/44
7
Application ideas
7.1
Positive buck-boost
The L7980 can implement the step up/down converter with a positive output voltage.
Figure 33. shows the schematic: one power MOSFET and one Schottky diode are added to
the standard buck topology to provide 12 V output voltage with input voltage from 4.5 V to 28
V.
Figure 33.
Positive buck-boost regulator
The relationship between input and output voltage is:
Equation 33
So the duty cycle is:
Equation 34
The output voltage isn’t limited by the maximum operating voltage of the device (28 V),
because the output voltage is sense only through the resistor divider. The external power
MOSFET maximum drain to source voltage, must be higher than output voltage; the
maximum gate to source voltage must be higher than the input voltage (in Figure 33., if VIN
is higher than 16 V, the gate must be protected through zener diode and resistor)
The current flowing through the internal power MOSFET is transferred to the load only
during the OFF time, so according to the maximum DC switch current (2.0 A), the maximum
output current for the buck boost topology can be calculated from the following equation.
V
OUT
V
IN
D
1D
–
-------------
⋅
=
D
V
OUT
V
OUT
V
IN
+
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com