Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7PV Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 7PV
Description  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7PV Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 7PV Datasheet HTML 45Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 46Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 47Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 48Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 49Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 50Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 51Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 52Page - List of Unclassifed Manufacturers 7PV Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
3RP, 7PV Timing Relays
7/49
Siemens LV 1 T · 2006
3RP15 timing relays in industrial enclosure,
22.5 mm
■Overview
Standards
The timing relays comply with:
• EN 60721-3-3 "Environmental conditions"
• EN 61812-1/DIN VDE 0435 Part 2021 "Solid-state relays,
timing relays"
• EN 61000-6-2 and EN 61000-6-4 "Electromagnetic
compatibility"
• EN 60947-5-1; (VDE 0660 Part 200) "Low-voltage controlgear,
switchgear and systems – Electromechanical controlgear"
3RP15 timing relays, width 22.5 mm
Accessories
Push-in lugs for screw mounting
Sealable cap
Label set for marking the multifunction relay
■Function
• Changes to the time setting ranges and the functions must be
carried out in the de-energized state
• Start input B1 or B3 must only be triggered when the supply
voltage is applied
• The same potential must be applied to A1 and B1 or A3 and
B3. With two-voltage version, only one voltage range must be
connected
• The activation of loads parallel to the start input is not
permissible when using AC (see diagrams)
• Surge suppression is integrated in the timing relay. This
prevents the generation of voltage peaks on the supply
voltage when the relay is switched on and off. No additional
damping measures are necessary
• 3RP15 05-.R must not be operated next to heat sources
>60°C
Parallel load on start input
NSB0_01423
LED for indicating
"Time relay on voltage"
LED for indicating
"Relay switched"
Time setting
range selector
switch
Function
switch
Decive labeling
plate
Operating time
adjustment
Inspection window for
set time range
Inspection window for
set function
L1
S1
K2
A1
A2
K1
N
NSB00895
B1
L1
K2
A1
A2
K1
N
NSB00896
S1
K1
B1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com