Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7980ATR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7980ATR
Description  2 A step-down switching regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7980ATR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7980ATR Datasheet HTML 22Page - STMicroelectronics L7980ATR Datasheet HTML 23Page - STMicroelectronics L7980ATR Datasheet HTML 24Page - STMicroelectronics L7980ATR Datasheet HTML 25Page - STMicroelectronics L7980ATR Datasheet HTML 26Page - STMicroelectronics L7980ATR Datasheet HTML 27Page - STMicroelectronics L7980ATR Datasheet HTML 28Page - STMicroelectronics L7980ATR Datasheet HTML 29Page - STMicroelectronics L7980ATR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
Application informations
L7980
26/44
Doc ID 15181 Rev 4
Equation 28
For example with VOUT=5 V, VIN=24 V, IO=2 A, L=27 μH, COUT=330 μF, ESR=50 mΩ, the
type II compensation network is:
In Figure 15 is shown the module and phase of the open loop gain. The bandwidth is about
24 kHz and the phase margin is 48°.
C
5
C
4
2
π R
4
C
4
4BW
⋅
1
–
⋅⋅⋅
--------------------------------------------------------------
=
R
1
1.1k
Ω
=
R
2
150
Ω
=
R
4
6.8k
Ω
=
C
4
82nF
=
C
5
82pF
=
,,
,
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com