Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS462CPT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TS462CPT
Description  Output rail-to-rail operational amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS462CPT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TS462CPT Datasheet HTML 5Page - STMicroelectronics TS462CPT Datasheet HTML 6Page - STMicroelectronics TS462CPT Datasheet HTML 7Page - STMicroelectronics TS462CPT Datasheet HTML 8Page - STMicroelectronics TS462CPT Datasheet HTML 9Page - STMicroelectronics TS462CPT Datasheet HTML 10Page - STMicroelectronics TS462CPT Datasheet HTML 11Page - STMicroelectronics TS462CPT Datasheet HTML 12Page - STMicroelectronics TS462CPT Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TS461, TS462, TS464
Ordering information
11/13
4
Ordering information
Table 10.
Order codes
Order code
Temperature
range
Package
Packing
Marking
TS461CLT
-20° C, +70° C
SOT23-5L
Tape & reel
K105
TS461CD
TS461CDT
SO-8
Tube
Tape & reel
461C
TS462CST
Mini SO-8
Tape & reel
K105
TS462CPT
TSSOP-8
(Thin shrink small outline
package)
Tape & reel
462C
TS462CD
TS462CDT
SO-8
Tube
Tape & reel
462C
TS464CPT
TSSOP-14
(Thin shrink small outline
package)
Tape & reel
464C
TS464CD
TS464CDT
SO-14
Tube
Tape & reel
464C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com