Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS14C40LTRLP Datasheet(PDF) 7 Page - International Rectifier

Part # IRGS14C40LTRLP
Description  IGBT with on-chip Gate-Emitter and Gate-Collector clamps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS14C40LTRLP Datasheet(HTML) 7 Page - International Rectifier

Back Button IRGS14C40LTRLP Datasheet HTML 3Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 4Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 5Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 6Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 7Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 8Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 9Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 10Page - International Rectifier IRGS14C40LTRLP Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
4/7/2000
IRGS14C40L
IRGSL14C40L
IRGB14C40L
Ignition IGBT
Page 7
1K
VC C
DUT
0
L
Fig.15 - Gate Charge Circuit
Fig.14 - Test Circuit
L
0.47
Ω
D.U.T.
Ice
1K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com