| Electronic Components Datasheet Search |
|
TLE2022AIP Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2022AIP Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 77 page ![]() TLE2024 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2024M TLE2024AM TLE2024BM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 1100 850 600 V VIO Input offset voltage Full range 1300 1050 800 μV αVIO Temperature coefficient of input offset voltage Full range 2 2 2 μV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.005 0.005 0.005 μV/mo I Input offset current 25°C 0.6 6 0.5 6 0.4 6 nA IIO Input offset current Full range 10 10 10 nA I Input bias current 25°C 45 70 40 70 35 70 nA IIB Input bias current Full range 90 90 90 nA V Common-mode input voltage R 50 Ω 25°C 0 to 3.5 −0.3 to 4 0 to 3.5 −0.3 to 4 0 to 3.5 −0.3 to 4 V VICR Common mode input voltage range RS = 50 Ω Full range 0 to 3.2 0 to 3.2 0 to 3.2 V V Maximum positive peak 25°C 3.9 4.2 3.9 4.2 4 4.3 V VOM+ Maximum positive peak output voltage swing R 10 kΩ Full range 3.7 3.7 3.8 V V Maximum negative peak RL = 10 kΩ 25°C 0.7 0.8 0.7 0.8 0.7 0.8 V VOM− Maximum negative peak output voltage swing Full range 0.95 0.95 0.95 V A Large-signal differential V 1 4 V to 4 V R 10 kΩ 25°C 0.2 1.5 0.3 1.5 0.4 1.5 V/ V AVD Large signal differential voltage amplification VO = 1.4 V to 4 V, RL = 10 kΩ Full range 0.1 0.1 0.1 V/μV CMRR Common mode rejection ratio V V min R 50 Ω 25°C 80 90 82 92 85 95 dB CMRR Common-mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 80 82 85 dB kSVR Supply-voltage rejection ratio V ±2 5 V to ±15 V 25°C 98 112 100 115 103 117 dB kSVR Supply voltage rejection ratio (ΔVCC±/ΔVIO) VCC± = ±2.5 V to ±15 V Full range 93 95 98 dB I Supply current 25°C 800 1200 800 1200 800 1200 A ICC Supply current VO = 0 No load Full range 1200 1200 1200 μA ΔICC Supply current change over operating temperature range VO = 0, No load Full range 50 50 50 μA † Full range is −55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |