Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE2-5TNU-R Datasheet(PDF) 3 Page - NEC

Part # EE2-5TNU-R
Description  Compact and lightweight, High breakdown voltage, Surface mounting type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

EE2-5TNU-R Datasheet(HTML) 3 Page - NEC

  EE2-5TNU-R Datasheet HTML 1Page - NEC EE2-5TNU-R Datasheet HTML 2Page - NEC EE2-5TNU-R Datasheet HTML 3Page - NEC EE2-5TNU-R Datasheet HTML 4Page - NEC EE2-5TNU-R Datasheet HTML 5Page - NEC EE2-5TNU-R Datasheet HTML 6Page - NEC EE2-5TNU-R Datasheet HTML 7Page - NEC EE2-5TNU-R Datasheet HTML 8Page - NEC EE2-5TNU-R Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EE2 SERIES
3
PAD LAYOUTS
(bottom view)
PIN CONFIGURATIONS
(bottom view)
MARKINGS
(top view)
SAFETY STANDARD AND RATING
UL Recognized
(UL508)*
File No E73266
CSA Certificated
(CSA C22.2 No14)
File No LR46266
30 Vdc, 2 A
(Resistive)
110 Vdc, 0.3 A (Resistive)
125 Vac, 0.5 A (Resistive)
* Spacing : UL114, UL478
TUV Certificate
(EN60255 / IEC60255)
No. R 9751153
(Nonlatch and Single-coil-latch)
Creepage and clearance of
coil to contact is more than 2 mm.
(According EN60950)
Basic insulation class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com