Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX51 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 9Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 10Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 11Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 202 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 6
8
Freescale Semiconductor
Features
IIM
IC
Identification
Module
Security
The IC Identification Module (IIM) provides an interface for reading,
programming, and/or overriding identification and control information stored in
on-chip fuse elements. The module supports electrically programmable poly
fuses (e-Fuses). The IIM also provides a set of volatile software-accessible
signals that can be used for software control of hardware elements not requiring
non-volatility. The IIM provides the primary user-visible mechanism for
interfacing with on-chip fuse elements. Among the uses for the fuses are unique
chip identifiers, mask revision numbers, cryptographic keys, JTAG secure mode,
boot characteristics, and various control signals requiring permanent
non-volatility. The IIM also provides up to 28 volatile control signals. The IIM
consists of a master controller, a software fuse value shadow cache, and a set
of registers to hold the values of signals visible outside the module.
IOMUXC
IOMUX
Control
System
Control
Peripherals
This module enables flexible I/O multiplexing. Each I/O pad has default as well
as several alternate functions. The alternate functions are software configurable.
IPU
Image
Processing
Unit
Multimedia
Peripherals
IPU enables connectivity to displays and image sensors, relevant processing
and synchronization. It supports two display ports and two camera ports,
through the following interfaces.
• Legacy Interfaces
• Analog TV interfaces (through a TV encoder bridge)
The processing includes:
• Support for camera control
• Image enhancement: color adjustment and gamut mapping, gamma
correction and contrast enhancement, sharpening and noise reduction
• Video/graphics combining
• Support for display backlight reduction
• Image conversion—resizing, rotation, inversion and color space conversion
• Synchronization and control capabilities, allowing autonomous operation.
• Hardware de-interlacing support
KPP
Keypad Port
Connectivity
Peripherals
The KPP supports an 8
× 8 external keypad matrix. The KPP features are as
follows:
• Open drain design
• Glitch suppression circuit design
• Multiple keys detection
• Standby key press detection
P-ATA (Muxed
with
eSDHC-4
Parallel ATA
Connectivity
Peripherals
The P-ATA block is an AT attachment host interface. Its main use is to interface
with hard disc drives and optical disc drives. It interfaces with the ATA-5
(UDMA-4) compliant device over a number of ATA signals. It is possible to
connect a bus buffer between the host side and the device side. This is muxed
with eSDHC-4 interfaces.
PWM-1
PWM-2
Pulse Width
Modulation
Connectivity
Peripherals
The pulse-width modulator (PWM) has a 16-bit counter and is optimized to
generate sound from stored sample audio images. It can also generate tones.
The PWM uses 16-bit resolution and a 4 x 16 data FIFO to generate sound.
RAM
128 Kbytes
Internal RAM
Internal
Memory
Unified RAM, can be split between Secure RAM and Non-Secure RAM
ROM
36 Kbytes
Boot ROM
Internal
Memory
Supports secure and regular Boot Modes
Table 2. i.MX51 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com