Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBB0207 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBB0207
Description  Professional Thin Film Leaded Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBB0207 Datasheet(HTML) 5 Page - Vishay Siliconix

  MBB0207 Datasheet HTML 1Page - Vishay Siliconix MBB0207 Datasheet HTML 2Page - Vishay Siliconix MBB0207 Datasheet HTML 3Page - Vishay Siliconix MBB0207 Datasheet HTML 4Page - Vishay Siliconix MBB0207 Datasheet HTML 5Page - Vishay Siliconix MBB0207 Datasheet HTML 6Page - Vishay Siliconix MBB0207 Datasheet HTML 7Page - Vishay Siliconix MBB0207 Datasheet HTML 8Page - Vishay Siliconix MBB0207 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.vishay.com
For technical questions, contact: filmresistorsleaded@vishay.com
Document Number: 28766
26
Revision: 03-Dec-12
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 - Professional
Vishay Beyschlag
Professional Thin Film Leaded Resistors
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT\rARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MBB/SMA 0207 WITH RADIAL TAPING
LEAD SPACING (UB = 2.5 mm), SIZE 0207
LEAD SPACING (RB = 5.0 mm), SIZE 0207
PACKAGING - Radial products
TYPE
REEL
TAPING ACC. IEC 60286-2
BOX
TAPING ACC. IEC 60286-2
PIECES
CODE
PIECES
CODE
MBB/SMA 0207 RB
4000
R4
4000
N4
MBB/SMA 0207 UB
L
H
C
H
1
F
P
3 max.
Insulated
W
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
2.5 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32
H
1
L
H
C
P
F
H
0
W
Insulated
3 max.
Direction of unreeling
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Lead spacing
F
5.0 + 0.6, - 0.1
Width of carrier tape
W
18.0 + 1.0, - 0.5
Body to hole center
H
18.0 ± 2.0
Lead crimp to hole
center
H0
16.0 ± 0.5
Height for cutting (max.)
L
11
Height for bending
C
2.5 + 0, - 0.5
Height for insertion (max.)
H1
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com