Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4416H-R2R-503 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 4416H-R2R-503
Description  4800P Series - Thick Film Surface Mounted Medium Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4416H-R2R-503 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  4416H-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4416H-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4416H-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4416H-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Isolated Resistors (1 And 4 Circuits)
Model 4814P-1
Model 4816P-1 (Shown)
Model 4818P-1
Model 4820P-1
Bussed Resistors (2 Circuit)
Model 4814P-2
Model 4816P-2 (Shown)
Model 4818P-2
Model 4820P-2
Dual Terminator (3 Circuit)
Model 4814P-3
Model 4816P-3 (Shown)
Model 4818P-3
Model 4820P-3
1
16
16
10
1
7
2
15
3
14
4
13
5
12
6
11
7
10
8
9
R1
R2
R3
R4
R5
R6
R7
R8
9
8
15
2
14
3
13
4
12
5
11
6
R1
R2
R15
R3
R14
R4
R13
R5
R12
R6
R11
R7
R10
R8
R9
16
15
14
13
12
11
10
9
16
1
9
8
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 2.2 megohms...............±2%*
Power Rating per Resistor
1 Circuit at 70°C ....................0.160 watt
4 Circuit at 70°C ....................0.160 watt
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25
AMBIENT TEMPERATURE (°C)
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 2.2 megohms ..............±2%*
Power Rating per Resistor
2 Circuit at 70°C ....................0.080 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25
Resistance Tolerance
Below 100 ohms ......................±2 ohms
100 ohms to 2.2 megohms ............±2%*
Power Rating per Resistor
3 Circuit at 70°C ....................0.080 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.175
.150
.125
.100
.075
.050
.025
25
Popular Resistance Values (1, 4, And 2 Circuits)**
* ±1% TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE “F” AFTER THE RESISTANCE CODE.
**NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE.
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
Popular Resistance Values (3 Circuit)**
Resistance
(Ohms)
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
Model 4816P-4 (Shown)
Model 4820P-4
16
15
R8
14
13
R7
12
11
R6
10
9
R5
R1
1
2
R2
3
4
R3
5
6
R4
7
8
4800P Series - Thick Film Surface Mounted Medium Body
Resistor Power Temp. Derating Curve
Resistor Power Temp. Derating Curve
Resistor Power Temp. Derating Curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com