Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4616M-R2R-503 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 4616M-R2R-503
Description  4800P Series - Thick Film Surface Mounted Medium Body
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616M-R2R-503 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  4616M-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4616M-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Electrical
*Circuit Codes
Configuration
Tape & Reel
Tubes
Examples
Isolated
1
T01
4816P-1-101
Bussed
2
T02
Isolated Circuit in Tape & Reel Package
Dual Terminated
3
T03
4816P-T01-101
Adj. Isolated
4
T04
Isolated Circuit in Slide Tube Package
*4816P-X-RC: To specify package type, replace “X” with appropriate “Circuit Code”.
Model
Standard Quantity
Carrier Tape
Cover Tape
Reel Width
Pocket Center
Per Reel
Width (W)
Width (V)
(T)
(F)
4416P
1,500
4420P
1,500
24.0 ± .30
21.0
NOM.
30.4
MAX.
11.5 ± .10
4814P
(.945 ± .012)
(.827)
(1.197)
(.453 ± .004)
4816P
2,000
4818P
4820P
4908P
12mm
Contact
Contact
8mm
4914P
2,500
12mm
Factory
Factory
8mm
4916P
16mm
8mm
POLYSTYRENE REEL
(ANTI-STATIC)
T
NOTE: DIMENSIONS NOT SPECIFIED ARE PER EIA RS-481-2.
DIMENSIONS:
F
W
4.0 ± .10
(.157 ± .004)
CARRIER TAPE
STATIC DISSIPATIVE
V
COVER TAPE
(ANTISTATIC)
12.0 ± .10
(.472 ± .004)
DIRECTION
OF FEED
MIN.
1.5
(.059)
MIN.
20.2
(.795)
MAX.
330.2
(13.0)
13.0 ± .20
(.512 ± .008)
DIA.
1.5 + .10/ - .00
(.059 + .004/ - .00)
1.5
(.059)
MIN. DIA.
MM
(IN)
Leader Length = 500 min.
} Empty Component Pockets
Trailer Length = 500mm min.
Sealed with Cover Tape
Surface Mounted Ordering Guide



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com