| Electronic Components Datasheet Search |
|
TNETE100APCM Datasheet(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETE100APCM Datasheet(HTML) 1 Page - Texas Instruments |
|
1 / 26 page ![]() ThunderLAN ™ TNETE100A PCI ETHERNET ™ CONTROLLER SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 D Single-Chip Ethernet™ Controller for the Peripheral Component Interconnect (PCI) Local Bus – 32-Bit PCI† Glueless Host Interface – Compliant With PCI Local-Bus Specification (Revision 2.0) – 0-MHz to 33-MHz Operation – 3-V or 5-V I/O Operation – Adaptive Performance Optimization ™ (APO) by Texas Instruments (TI ™) for Highest Available PCI Bandwidth – High-Performance Bus Master Architecture With Byte-Aligning Direct Memory Access (DMA) Controller for Low Host CPU and Bus Utilization – Plug-and-Play Compatible D Supports 32-Bit Data Streaming on PCI Bus – Time-Division Multiplexed Static Random-Access Memory (SRAM) – 2-Gbps Internal Bandwidth D Driver Compatible With All Previous ThunderLAN ™ Components D Switched Ethernet Compatible D Full-Duplex Compatible – Independent Transmit and Receive Channels – Two Transmit Channels for Demand Priority D Supports Multiple Protocols With a Single Driver Suite – Optimized Shared Interrupts D No On-Board Memory Required D Auto-Negotiation (N-Way) Compatible D Multimedia-Ready Architecture D Supports the Card-Bus Card Information Structure (CIS) Pointer Register D Integrated 10 Base-T, and 10 Base-5 Arithmetic Unit Interface (AUI) Physical-Layer Interface – Single-Chip IEEE 802.3 and Blue Book Ethernet-Compliant Solution – DSP-Based Digital Phase-Locked Loop – Smart Squelch Allows for Transparent Link Testing – Transmission Waveshaping – Autopolarity (Reverse Polarity Correction) – External/Internal Loopback Including Twisted Pair and AUI – 10 Base-2 Supported Through AUI Interface D Media-Independent Interface (MII) for Connecting 100-Mbps External Transceivers – Compliant MII for IEEE 802.3u Transceivers – Supports 100 Base-TX, 100 Base-T4, and 100 Base-FX – Super Set Supports IEEE 802.12 Transceivers – Supports Ethernet and Token-Ring Framing Formats for 100VG-AnyLAN – Link-Pulse Detection for Determining Wire Rate D Low-Power CMOS Technology – Green PC Compatible – Microsoft ™ Advanced Power Management D EEPROM Interface Supports Jumperless Design and Autoconfiguration D Hardware Statistics Registers for Management-Information Base (MIB) D DMTF (Desktop Management Task Force) Compatible D IEEE Standard 1149.1‡ Test-Access Port (JTAG) D 144-Pin Quad Flat Packages (PCM Suffix) and Thin Quad Flat Packages (PGE Suffix) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright © 1996, Texas Instruments Incorporated † The PCI Local-Bus Specification, Revision 2.0 should be used as a reference with this document. ‡ IEEE Standard 1149.1–1990, IEEE Standard Test-Access Port and Boundary-Scan Architecture ThunderLAN, Adaptive Performance Optimization, and TI are trademarks of Texas Instruments Incorporated. Ethernet is a registered trademark of Xerox Corporation. Microsoft is a registered trademark of Microsoft Corp. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - TNETE100APCM |
|
Similar Description - TNETE100APCM |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |