Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1721 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1721
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1721 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1721 Datasheet HTML 4Page - Linear Technology LT1721 Datasheet HTML 5Page - Linear Technology LT1721 Datasheet HTML 6Page - Linear Technology LT1721 Datasheet HTML 7Page - Linear Technology LT1721 Datasheet HTML 8Page - Linear Technology LT1721 Datasheet HTML 9Page - Linear Technology LT1721 Datasheet HTML 10Page - Linear Technology LT1721 Datasheet HTML 11Page - Linear Technology LT1721 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT1720/LT1721
8
17201fc
Input Voltage Considerations
The LT1720/LT1721 are specified for a common mode range
of –100mV to 3.8V when used with a single 5V supply. In
general the common mode range is 100mV below ground
to 1.2V below VCC. The criterion for this common mode
limit is that the output still responds correctly to a small
differential input signal. Also, if one input is within the
common mode limit, the other input signal can go outside
the common mode limits, up to the absolute maximum
limits (a diode drop past either rail at 10mA input current)
and the output will retain the correct polarity.
When either input signal falls below the negative common
mode limit, the internal PN diode formed with the substrate
can turn on, resulting in significant current flow through
the die. An external Schottky clamp diode between the
input and the negative rail can speed up recovery from
negative overdrive by preventing the substrate diode from
turning on.
When both input signals are below the negative common
mode limit, phase reversal protection circuitry prevents
false output inversion to at least –400mV common mode.
However, the offset and hysteresis in this mode will increase
dramatically, to as much as 15mV each. The input bias
currents will also increase.
When both input signals are above the positive common
mode limit, the input stage will become debiased and
the output polarity will be random. However, the internal
hysteresis will hold the output to a valid logic level, and
because the biasing of each comparator is completely
independent, there will be no impact on any other com-
parator. When at least one of the inputs returns to within
the common mode limits, recovery from this state will
take as long as 1μs.
The propagation delay does not increase significantly when
driven with large differential voltages. However, with low
levels of overdrive, an apparent increase may be seen with
large source resistances due to an RC delay caused by the
2pF typical input capacitance.
APPLICATIONS INFORMATION
Input Protection
The input stage is protected against damage from large
differential signals, up to and beyond a differential voltage
equal to the supply voltage, limited only by the absolute
maximum currents noted. External input protection cir-
cuitry is only needed if currents would otherwise exceed
these absolute maximums. The internal catch diodes can
conduct current up to these rated maximums without
latchup, even when the supply voltage is at the absolute
maximum rating.
The LT1720/LT1721 input stage has general purpose
internal ESD protection for the human body model. For
use as a line receiver, additional external protection may
be required. As with most integrated circuits, the level
of immunity to ESD is much greater when residing on a
printed circuit board where the power supply decoupling
capacitance will limit the voltage rise caused by an ESD
pulse.
Unused Inputs
The inputs of any unused compartor should be tied off in
a way that defines the output logic state. The easiest way
to do this is to tie IN+ to VCC and IN– to GND.
Input Bias Current
Input bias current is measured with both inputs held at 1V.
As with any PNP differential input stage, the LT1720/LT1721
bias current flows out of the device. With a differential
input voltage of even just 100mV or so, there will be zero
bias current into the higher of the two inputs, while the
current flowing out of the lower input will be twice the
measured bias current. With more than two diode drops
of differential input voltage, the LT1720/LT1721’s input
protection circuitry activates, and current out of the lower
input will increase an additional 30% and there will be a
small bias current into the higher of the two input pins,
of 4μA or less. See the Typical Performance curve “Input
Current vs Differential Input Voltage.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com