Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1399 Datasheet(PDF) 23 Page - Linear Technology

Part # LT1399
Description  325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1399 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT1399 Datasheet HTML 19Page - Linear Technology LT1399 Datasheet HTML 20Page - Linear Technology LT1399 Datasheet HTML 21Page - Linear Technology LT1399 Datasheet HTML 22Page - Linear Technology LT1399 Datasheet HTML 23Page - Linear Technology LT1399 Datasheet HTML 24Page - Linear Technology LT1399 Datasheet HTML 25Page - Linear Technology LT1399 Datasheet HTML 26Page - Linear Technology LT1399 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LT1806/LT1807
23
18067fc
TYPICAL APPLICATIONS
Single 3V Supply, 4MHz, 4th Order Butterworth Filter
Benefiting from a low voltage supply operation, low
distortion and rail-to-rail output of LT1806/LT1807, a low
distortion filter that is suitable for antialiasing can be built
as shown in Figure 6.
On a 3V supply, the filter built with LT1807 has a passband
of 4MHz with 2.5VP-P signal and stopband that is greater
than 70dB to frequency of 100MHz. As an option to minimize
the DC offset voltage at the output, connect a series resistor
of 365Ω and a bypass capacitor at the noninverting inputs
of the amplifiers as shown in Figure 6.
Figure 6. Single 3V Supply, 4MHz, 4th Order Butterworth Filter
+
–
VS
2
47pF
1/2 LT1807
220pF
665Ω
VIN
VOUT
18067 F06
365Ω
(OPTIONAL)
232Ω
232Ω
4.7μF
(OPTIONAL)
+
–
22pF
470pF
562Ω
274Ω
274Ω
1/2 LT1807
Figure 7. Filter Frequency Response
FREQUENCY (Hz)
10k
100k
1M
10M
100M
18067 F07
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
VS = 3V, 0V
VIN = 2.5VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com